Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005RGZR Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005RGZR
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005RGZR Datasheet(HTML) 60 Page - Texas Instruments

Back Button CDCE62005RGZR Datasheet HTML 56Page - Texas Instruments CDCE62005RGZR Datasheet HTML 57Page - Texas Instruments CDCE62005RGZR Datasheet HTML 58Page - Texas Instruments CDCE62005RGZR Datasheet HTML 59Page - Texas Instruments CDCE62005RGZR Datasheet HTML 60Page - Texas Instruments CDCE62005RGZR Datasheet HTML 61Page - Texas Instruments CDCE62005RGZR Datasheet HTML 62Page - Texas Instruments CDCE62005RGZR Datasheet HTML 63Page - Texas Instruments CDCE62005RGZR Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
CDCE62005
SCAS862 – NOVEMBER 2008........................................................................................................................................................................................... www.ti.com
Table 38. CDCE62005 Internal Loop Filter – C1 Settings
C1 SETTINGS
Bit Name
→
EXLFSEL
LFRCSEL14
LFRCSEL13
LFRCSEL12
LFRCSEL11
LFRCSEL10
Capacitor Value
→
—
37.5 pF
21.5 pF
10 pF
6.5 pF
1.5 pF
Register.Bit
→
6.26
7.14
7.13
7.12
7.11
7.10
Capacitor Value
1
X
X
X
X
X
External Loop Filter
0
0
0
0
0
0
0 pF
0
0
0
0
0
1
1.5 pF
0
0
0
0
1
0
6.5 pF
0
0
0
0
1
1
8 pF
0
0
0
1
0
0
10 pF
0
0
0
1
0
1
11.5 pF
0
0
0
1
1
0
16.5 pF
0
0
0
1
1
1
18 pF
0
0
1
0
0
0
21.5 pF
0
0
1
0
0
1
23 pF
0
•
•
•
•
•
•
0
1
1
1
0
0
69 pF
0
1
1
1
0
1
70.5 pF
0
1
1
1
1
0
75.5 pF
0
1
1
1
1
1
77 pF
Table 39. CDCE62005 Internal Loop Filter – C2 Settings
C2 SETTINGS
Bit Name
→1
EXLFSEL
LFRCSEL4
LFRCSEL3
LFRCSEL2
LFRCSEL1
LFRCSEL0
Capacitor Value
→
—
226 pF
123 pF
87 pF
25 pF
12.5 pF
Register.Bit 1
→
6.26
7.4
7.3
7.2
7.1
7.0
Capacitor Value
1
0
0
0
0
0
External Loop Filter
0
0
0
0
0
0
0 pF
0
0
0
0
0
1
12.5 pF
0
0
0
0
1
0
25 pF
0
0
0
0
1
1
37.5 pF
0
0
0
1
0
0
87 pF
0
0
0
1
0
1
99.5 pF
0
0
0
1
1
0
112 pF
0
0
0
1
1
1
124.5 pF
0
0
1
0
0
0
123 pF
0
0
1
0
0
1
135.5 pF
0
•
•
•
•
•
•
0
1
1
1
0
0
436 pF
0
1
1
1
0
1
448.5 pF
0
1
1
1
1
0
461 pF
0
1
1
1
1
1
473.5 pF
60
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com