Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005RGZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005RGZR
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005RGZR Datasheet(HTML) 1 Page - Texas Instruments

  CDCE62005RGZR Datasheet HTML 1Page - Texas Instruments CDCE62005RGZR Datasheet HTML 2Page - Texas Instruments CDCE62005RGZR Datasheet HTML 3Page - Texas Instruments CDCE62005RGZR Datasheet HTML 4Page - Texas Instruments CDCE62005RGZR Datasheet HTML 5Page - Texas Instruments CDCE62005RGZR Datasheet HTML 6Page - Texas Instruments CDCE62005RGZR Datasheet HTML 7Page - Texas Instruments CDCE62005RGZR Datasheet HTML 8Page - Texas Instruments CDCE62005RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
1
FEATURES
APPLICATIONS
CDCE62005
www.ti.com........................................................................................................................................................................................... SCAS862 – NOVEMBER 2008
Five/Ten Output Clock Generator/Jitter Cleaner
With Integrated Dual VCOs
• Frequency Synthesizer With PLL/VCO and
• Flexible Inputs With Innovative Smart
Partially Integrated Loop Filter.
Multiplexer Feature:
• Fully Configurable Outputs Including
–
Two Universal Differential Inputs Accept
Frequency, Output Format, and Output Skew.
Frequencies up to 1500 MHz (LVPECL), 800
MHz (LVDS), or 250 MHz (LVCMOS).
• Smart Input Multiplexer Automatically
Switches Between One of Three Reference
–
One Auxiliary Input Accepts Single Ended
Inputs.
Clock Source or Crystal. Auxiliary Input
Accepts Crystals in the Range of 2 MHz–42
• Multiple Operational Modes Include Clock
MHz or an LVCMOS Input up to 75 MHz.
Generation via Crystal, SERDES Startup Mode,
Jitter Cleaning, and Oscillator Holdover Mode
–
Clock Generator Mode Using Crystal Input.
• Integrated EEPROM Determines Device
–
Smart Input Multiplexer can be Configured
Configuration at Power-up
to Automatically Switch Between Highest
Priority Clock Source Available Allowing
• Excellent Jitter Performance
for Fail-safe Operation and Holdover
• Integrated Frequency Synthesizer including
Modes.
PLL, Multiple VCOs, and Loop Filter:
• Typical Power Consumption 1.7W
–
Full Programmability Facilitates Phase
(See Table 44) at 3.3V
Noise Performance Optimization Enabling
• Integrated EEPROM Stores Default Settings;
Jitter Cleaner Mode.
Therefore, The Device Can Power up in a
–
Programmable Charge Pump Gain and
Known, Predefined State.
Loop Filter Settings
• Offered in QFN-48 Package
–
Unique Dual-VCO Architecture Supports a
• ESD Protection Exceeds 2kV HBM
Wide Tuning Range 1.750 GHz–2.356 GHz
• Industrial Temperature Range –40°C to 85°C
• Universal Output Blocks Support up to 5
Differential, 10 Single-ended, or Combinations
of Differential or Single-ended:
• Data Converter and Data Aggregation Clocking
–
1 ps RMS (10 kHz to 20 MHz) Output Jitter
• Wireless Infrastructure
Performance
• Switches and Routers
–
Low Output Phase Noise: –130 dBc/Hz at 1
• Medical Electronics
MHz offset, Fc = 491.52 MHz
• Military and Aerospace
–
Output Frequency Ranges from 4.25 MHz to
• Industrial
1.175 GHz in Synthesizer Mode
• Clock Generation and Jitter Cleaning
–
Output Frequency up to 1.5 GHz in Fan-out
Mode
–
LVPECL, LVDS, LVCMOS, and Special High
Output Swing Modes
–
Independent Output Dividers Support
Divide Ratios from 1–80(1)
–
Independent Coarse Skew Control on all
Outputs
(1)
Non-continuous values supported.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE62005RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
3:5 Clock Generator
More results

Similar Description - CDCE62005RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
Five/Ten Output Clock Generator/Buffer
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
9/15-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com