Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN771
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771 Datasheet(HTML) 1 Page - STMicroelectronics

  VN771 Datasheet HTML 1Page - STMicroelectronics VN771 Datasheet HTML 2Page - STMicroelectronics VN771 Datasheet HTML 3Page - STMicroelectronics VN771 Datasheet HTML 4Page - STMicroelectronics VN771 Datasheet HTML 5Page - STMicroelectronics VN771 Datasheet HTML 6Page - STMicroelectronics VN771 Datasheet HTML 7Page - STMicroelectronics VN771 Datasheet HTML 8Page - STMicroelectronics VN771 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VN771
QUAD SMART POWER SOLID STATE RELAY
FOR COMPLETE H-BRIDGE CONFIGURATIONS
®
October 1998
SO-28
T YPE
RDS(on) *IOUT
VCC
VN771
0.140
Ω
14 A
26 V
* Total resistance of one side in bridge configuration
s
IDEAL AS A LOW VOLTAGE BRIDGE
s
VERY LOW STAND-BY POWER
DISSIPATION
s
OVER-CURRENT PROTECTED
s
STATUS FLAG DIAGNOSTICS ON UPPER
SIDE
s
OPEN DRAIN DIAGNOSTICS OUTPUT
s
UNDER-VOLTAGE PROTECTION
s
SUITABLE AS QUAD SWITCH
DESCRIPTION
The VN771 is
a device formed by
three
monolithic chips housed in a standard SO-28
package: a double high side and two Power
MOSFETs. The double high side are made using
STMicroelectronics VIPower technology; Power
MOSFETs are made by using the new advanced
strip lay-out technology This device is suitable to
drive a DC motor in a bridge configuration as well
as to be used as a quad switch for any low
voltage application. The dual high side switches
have built-in thermal shut-down to protect the
chip from over temperature and short circuit,
status output to provide indication for open load
in off and on state, overtemperature conditions
and stuck-on to VCC.
DUAL HIGH-SIDE SWITCH
From the falling edge of the input signal, the
status output, initially low
to signal a fault
condition
(overtemperature
or
open
load
on-state), will go back to a high state with a
different delay in case of overtemperature (tpovl)
and in case of open open load (tpol) respectively.
This feature allows to discriminate the nature of
the detected fault. To protect the device against
short circuit and over current condition, the
thermal protection turns the integrated Power
MOS off at a minimum junction temperature of
140
oC. When this temperature returns to 125 oC
the switch is automatically turned on again. In
short circuit the protection reacts with virtually no
delay, the sensor (one for each channel) being
located inside each of the two Power MOS areas.
This positioning allows the device to operate with
one channel in automatic thermal cycling and the
other one on a normal load. An internal function
of the devices ensures the fast demagnetization
of inductive loads with a typical voltage (Vdemag)
of -18V. This function allows to greatly reduces
the power dissipation according to the formula:
Pdem =0.5
• Lload • (Iload)2 • [(VCC+Vdemag)/Vdemag] • f
where f = switching frequency and
Vdemag = demagnetization voltage.
In this device if the GND pin is disconnected, with
VCC not exceeding 16V, both channel will switch
off.
Power MOSFETs
During
normal
operation, the
Input
pin
is
electrically connected to the gate of the internal
power MOSFET. The devices can be used as a
switch from DC to very high frequency.
1/10


Similar Part No. - VN771

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN771K STMICROELECTRONICS-VN771K Datasheet
901Kb / 33P
Quad smart power solid state relay for complete H-bridge configurations
10-Jul-2009
VN771K-E STMICROELECTRONICS-VN771K-E Datasheet
225Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
VN771K13TR STMICROELECTRONICS-VN771K13TR Datasheet
901Kb / 33P
Quad smart power solid state relay for complete H-bridge configurations
10-Jul-2009
VN771KP-E STMICROELECTRONICS-VN771KP-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
VN771P STMICROELECTRONICS-VN771P Datasheet
95Kb / 11P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-1998
More results

Similar Description - VN771

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN770 STMICROELECTRONICS-VN770 Datasheet
87Kb / 10P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
Oct-1998
VN770P STMICROELECTRONICS-VN770P Datasheet
95Kb / 11P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-1998
VN771P STMICROELECTRONICS-VN771P Datasheet
95Kb / 11P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-1998
VN772K STMICROELECTRONICS-VN772K Datasheet
305Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
rev. A
VN5770AK-E STMICROELECTRONICS-VN5770AK-E Datasheet
506Kb / 31P
Quad smart power solid state relay for complete H bridge configurations
16-Feb-2007
VN771K STMICROELECTRONICS-VN771K Datasheet
901Kb / 33P
Quad smart power solid state relay for complete H-bridge configurations
10-Jul-2009
VN772K-E STMICROELECTRONICS-VN772K-E Datasheet
226Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
VN5770AKPTR-E STMICROELECTRONICS-VN5770AKPTR-E Datasheet
582Kb / 35P
Quad smart power solid state relay for complete H-bridge configurations
02-Oct-2012
VN5772AKTR-E STMICROELECTRONICS-VN5772AKTR-E Datasheet
875Kb / 34P
Quad smart power solid-state relay for complete H-bridge configurations
19-Sep-2013
VN771K-E STMICROELECTRONICS-VN771K-E Datasheet
225Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com