Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN771
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771 Datasheet(HTML) 4 Page - STMicroelectronics

  VN771 Datasheet HTML 1Page - STMicroelectronics VN771 Datasheet HTML 2Page - STMicroelectronics VN771 Datasheet HTML 3Page - STMicroelectronics VN771 Datasheet HTML 4Page - STMicroelectronics VN771 Datasheet HTML 5Page - STMicroelectronics VN771 Datasheet HTML 6Page - STMicroelectronics VN771 Datasheet HTML 7Page - STMicroelectronics VN771 Datasheet HTML 8Page - STMicroelectronics VN771 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PROTECTION CIRCUITS
DUAL HIGH SIDE SWITCH
The simplest way to protect the device against a
continuous reverse battery voltage (-26V) is to
insert a a small resistor between pin 2 (GND) and
ground. The suggested resistance value is about
150
Ω. In any case the maximum voltage drop on
this resistor should not overcome 0.5V.
If there is no need for the control unit to handle
external analog signals referred to the power
GND, the best approach is to connect the
reference potential of the control unit to the
device ground (see application circuit in fig. 3),
which becomes the common signal GND for the
whole control board avoiding shift of Vih,Vil and
Vstat.
TRUTH TABLE (for Dual high-side switch only)
I NPUT 1
INPUT 2
SO URCE 1 SOURCE 2
DIAG NO STI C
Normal Operation
L
H
L
H
L
H
H
L
L
H
L
H
L
H
H
L
H
H
H
H
Under-voltage
X
X
L
L
H
T hermal Shut down
Channel 1
HX
L
X
L
Channel 2
XH
X
L
L
O pen Load
Channel 1
H
L
X
L
H
L
X
L
L
L
Channel 2
X
L
H
L
X
L
H
L
L
L
O utput Shorted to VCC
Channel 1
H
L
X
L
H
H
X
L
L
L
Channel 2
X
L
H
L
X
L
H
H
L
L
NOTE: The low-side switches have the fault feedback which can be detected by monitoring the voltage at the input pins.
L = Logic LOW, H = Logic HIGH, X = Don’t care
ABSOLUTE MAXIMUM RATING (-40
oC< Tj < 150 oC)
HIGH SIDE SWITCH
Symb ol
Parameter
Value
Uni t
V(BR)DSS
Drain-Source Brekdown Voltage
40
V
IOUT
Output Current (continuous)
14
A
IR
Reverse O utput Current
-14
A
IIN
Input Current
±10
mA
-VCC
Reverse Supply Current
-4
V
ISTAT
St atus Current
±10
mA
VESD
Elect rostatic Discharge (C = 100 pF, R = 1. 5 K
Ω)
2000
V
Ptot
Power Dissipat ion @ Tc =25
oC
Int ernally Limited
W
Tj
Junct ion Operat ing Temperature
-40 to 150
oC
Tstg
St orage Temperature
-55 to 150
oC
VN771
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com