Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VN771
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VN771 Datasheet HTML 2Page - STMicroelectronics VN771 Datasheet HTML 3Page - STMicroelectronics VN771 Datasheet HTML 4Page - STMicroelectronics VN771 Datasheet HTML 5Page - STMicroelectronics VN771 Datasheet HTML 6Page - STMicroelectronics VN771 Datasheet HTML 7Page - STMicroelectronics VN771 Datasheet HTML 8Page - STMicroelectronics VN771 Datasheet HTML 9Page - STMicroelectronics VN771 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
(di/dt )on
Turn-on Current Slope
Rout =2.7
Ω
0.003
0.1
A/
µs
(di/dt )off
Turn-off Current Slope
Rout =2.7
Ω
0.005
0.1
A/
µs
LOGIC INPUT
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
VIL
Input Low Level
Voltage
1.5
V
VIH
Input High Level
Voltage
3.5
(
•)V
VI(hys t.)
Input Hysteresis
Voltage
0.2
0.9
1.5
V
IIN
Input Current
VIN =5 V
Tj =25
oC30
100
µA
VICL
Input Clamp Voltage
IIN =10 mA
IIN =-10 mA
56
-0. 7
7V
V
PROTECTION AND DIAGNOSTICS
Symbol
Parameter
Test Co ndi tio ns
Min.
Typ .
Max.
Uni t
VSTAT
St atus Volt age Out put
Low
IST AT =1.6 mA
0.4
V
VUSD
Under Voltage Shut
Down
3.5
4.5
6
V
VSCL
St atus Clamp Voltage
IST AT =10 mA
IST AT =-10 mA
56
-0. 7
7V
V
TTSD
Thermal Shut-down
Temperature
140
160
180
oC
TSD(hys t.)
Thermal Shut-down
Hysteresis
50
oC
TR
Reset Temperature
125
oC
VOL
Open Voltage Level
Of f-State (note 2)
2.5
4
5
V
IOL
Open Load Current
Level
On-St ate
0.6
0.9
1.4
A
tpovl
St atus Delay
(note 3)
5
10
µs
tpol
St atus Delay
(note 3)
50
500
2500
µs
(*) In= Nominal current according to ISO definition for high side automotive switch (see note 1)
(^) See switching time waveform
() The VIH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor calculated to not
exceed 10 mA at the input pin.
note 1: The Nominal Current is the current at Tc =85
oC for battery voltage of 13V which produces a voltage drop of 0.5 V
note 2: IOL(off) =(VCC -VOL)/ROL
note 3: tpovl tpol: ISO definition
ELECTRICAL CHARACTERISTICS FOR LOW SIDE SWITCH
ELECTRICAL CHARACTERISTICS FOR DUAL HIGH SIDE SWITCH (continued)
VN771
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com