Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN771 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN771
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN771 Datasheet(HTML) 5 Page - STMicroelectronics

  VN771 Datasheet HTML 1Page - STMicroelectronics VN771 Datasheet HTML 2Page - STMicroelectronics VN771 Datasheet HTML 3Page - STMicroelectronics VN771 Datasheet HTML 4Page - STMicroelectronics VN771 Datasheet HTML 5Page - STMicroelectronics VN771 Datasheet HTML 6Page - STMicroelectronics VN771 Datasheet HTML 7Page - STMicroelectronics VN771 Datasheet HTML 8Page - STMicroelectronics VN771 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ABSOLUTE MAXIMUM RATING (continued)
LOW SIDE SWITCH
Symb ol
Parameter
Value
Uni t
VDS
Drain-Source Voltage (VGS =0)
60
V
VDGR
Drain-Gate Voltage (RG S = 20 K
Ω)
60
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current (continuous) @ Tc =25
oC36
A
ID
Drain Current (continuous) @ Tc =100
oC24
A
IDM(*)
Drain Current (pulsed)
144
A
dv/dt (1)
Peak Diode Recovery Voltage Slope
7
V/ ns
Tstg
St orage Temperature
-55 to 150
oC
Tj
Operat ing Junction Temperature
-40 to 150
W/
oC
THERMAL DATA
Rthj-ca se
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-case (High-side switch)
Max
Thermal Resistance Junction-case (Low-side switch)
Max
Thermal Resistance Junction-ambient
Max
20
20
60
oC/W
oC/W
oC/W
ELECTRICAL CHARACTERISTICS FOR DUAL HIGH SIDE SWITCH
(8 < VCC < 16 V; -40
≤ Tj ≤ 125 oC unless otherwise specified)
POWER
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VCC
Supply Voltage
6
13
26
V
In(*)
Nominal Current
Tc =85
oCVDS(on) ≤ 0.5 VCC =13 V
3. 4
5.2
A
Ron
On St ate Resist ance
IOUT =In VCC =13 V
Tj =25
oC
0.065
0.1
Ω
IS
Supply Current
Of f St ate
Tj =25
oCVCC =13 V
35
100
µA
VDS(MAX)
Maximum Voltage Drop IOUT =13 A
Tj =85
oCVCC =13 V
1. 2
2
V
Ri
Output t o G ND internal
Impedance
Tj =25
o C5
10
20
K
Ω
SWITCHING
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
td(on)(^)
Turn-on Delay Time O f
Output Current
Rout =2.7
Ω
535
200
µs
tr(^)
Rise Time Of Out put
Current
Rout =2.7
Ω
28
110
360
µs
td(off)(^)
Turn-off Delay Time O f
Output Current
Rout =2.7
Ω
10
140
500
µs
tf(^)
Fall Time Of Output
Current
Rout =2.7
Ω
28
75
360
µs
VN771
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com