Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848I Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848I
Description  PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848I Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83848I Datasheet HTML 19Page - National Semiconductor (TI) DP83848I Datasheet HTML 20Page - National Semiconductor (TI) DP83848I Datasheet HTML 21Page - National Semiconductor (TI) DP83848I Datasheet HTML 22Page - National Semiconductor (TI) DP83848I Datasheet HTML 23Page - National Semiconductor (TI) DP83848I Datasheet HTML 24Page - National Semiconductor (TI) DP83848I Datasheet HTML 25Page - National Semiconductor (TI) DP83848I Datasheet HTML 26Page - National Semiconductor (TI) DP83848I Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
23
www.national.com
3.4.3 Serial Management Preamble Suppression
The DP83848I supports a Preamble Suppression mode as
indicated by a one in bit 6 of the Basic Mode Status Regis-
ter (BMSR, address 01h.) If the station management entity
(i.e. MAC or other management controller) determines that
all PHYs in the system support Preamble Suppression by
returning a one in this bit, then the station management
entity need not generate preamble for each management
transaction.
The DP83848I requires a single initialization sequence of
32 bits of preamble following hardware/software reset. This
requirement is generally met by the mandatory pull-up
resistor on MDIO in conjunction with a continuous MDC, or
the management access made to determine whether Pre-
amble Suppression is supported.
While the DP83848I requires an initial preamble sequence
of 32 bits for management initialization, it does not require
a full 32-bit sequence between each subsequent transac-
tion. A minimum of one idle bit between management
transactions is required as specified in the IEEE 802.3u
specification.
Table 5. Typical MDIO Frame Format
MII Management
Serial Protocol
<idle><start><op code><device addr><reg addr><turnaround><data><idle>
Read Operation
<idle><01><10><AAAAA><RRRRR><Z0><xxxx xxxx xxxx xxxx><idle>
Write Operation
<idle><01><01><AAAAA><RRRRR><10><xxxx xxxx xxxx xxxx><idle>
Figure 4. Typical MDC/MDIO Read Operation
Figure 5. Typical MDC/MDIO Write Operation
MDC
MDIO
00 0
11
110 0 00 000
(STA)
Idle
Start
Opcode
(Read)
PHY Address
(PHYAD = 0Ch)
Register Address
(00h = BMCR)
TA
Register Data
Z
MDIO
(PHY)
Z
Z
Z
0 0 0 1 1 0 0 0 1 0 0 0000 0 0 Z
Idle
Z
Z
MDC
MDIO
00
0
11
11 0 0 0 0 000
(STA)
Idle
Start Opcode
(Write)
PHY Address
(PHYAD = 0Ch)
Register Address
(00h = BMCR)
TA
Register Data
Z
0 0 0
0 00
0 0 0 0 0 000 Z
Idle
10 0
0
Z
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com