Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848I Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848I
Description  PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848I Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83848I Datasheet HTML 12Page - National Semiconductor (TI) DP83848I Datasheet HTML 13Page - National Semiconductor (TI) DP83848I Datasheet HTML 14Page - National Semiconductor (TI) DP83848I Datasheet HTML 15Page - National Semiconductor (TI) DP83848I Datasheet HTML 16Page - National Semiconductor (TI) DP83848I Datasheet HTML 17Page - National Semiconductor (TI) DP83848I Datasheet HTML 18Page - National Semiconductor (TI) DP83848I Datasheet HTML 19Page - National Semiconductor (TI) DP83848I Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
www.national.com
16
2.0 Configuration
This section includes information on the various configura-
tion options available with the DP83848I. The configuration
options described below include:
— Auto-Negotiation
— PHY Address and LEDs
— Half Duplex vs. Full Duplex
— Isolate mode
— Loopback mode
—BIST
2.1 Auto-Negotiation
The Auto-Negotiation function provides a mechanism for
exchanging configuration information between two ends of
a link segment and automatically selecting the highest per-
formance mode of operation supported by both devices.
Fast Link Pulse (FLP) Bursts provide the signalling used to
communicate Auto-Negotiation abilities between two
devices at each end of a link segment. For further detail
regarding Auto-Negotiation, refer to Clause 28 of the IEEE
802.3u specification. The DP83848I supports four different
Ethernet protocols (10 Mb/s Half Duplex, 10 Mb/s Full
Duplex, 100 Mb/s Half Duplex, and 100 Mb/s Full Duplex),
so the inclusion of Auto-Negotiation ensures that the high-
est performance protocol will be selected based on the
advertised ability of the Link Partner. The Auto-Negotiation
function within the DP83848I can be controlled either by
internal register access or by the use of the AN_EN, AN1
and AN0 pins.
2.1.1 Auto-Negotiation Pin Control
The state of AN_EN, AN0 and AN1 determines whether the
DP83848I is forced into a specific mode or Auto-Negotia-
tion will advertise a specific ability (or set of abilities) as
given in Table 1. These pins allow configuration options to
be selected without requiring internal register access.
The state of AN_EN, AN0 and AN1, upon power-up/reset,
determines the state of bits [8:5] of the ANAR register.
The Auto-Negotiation function selected at power-up or
reset can be changed at any time by writing to the Basic
Mode Control Register (BMCR) at address 0x00h.
2.1.2 Auto-Negotiation Register Control
When Auto-Negotiation is enabled, the DP83848I transmits
the abilities programmed into the Auto-Negotiation Adver-
tisement register (ANAR) at address 04h via FLP Bursts.
Any combination of 10 Mb/s, 100 Mb/s, Half-Duplex, and
Full Duplex modes may be selected.
Auto-Negotiation Priority Resolution:
— (1) 100BASE-TX Full Duplex (Highest Priority)
— (2) 100BASE-TX Half Duplex
— (3) 10BASE-T Full Duplex
— (4) 10BASE-T Half Duplex (Lowest Priority)
The Basic Mode Control Register (BMCR) at address 00h
provides control for enabling, disabling, and restarting the
Auto-Negotiation process. When Auto-Negotiation is dis-
abled, the Speed Selection bit in the BMCR controls
switching between 10 Mb/s or 100 Mb/s operation, and the
Duplex Mode bit controls switching between full duplex
operation and half duplex operation. The Speed Selection
and Duplex Mode bits have no effect on the mode of oper-
ation when the Auto-Negotiation Enable bit is set.
The Link Speed can be examined through the PHY Status
Register (PHYSTS) at address 10h after a Link is
achieved.
The Basic Mode Status Register (BMSR) indicates the set
of available abilities for technology types, Auto-Negotiation
ability, and Extended Register Capability. These bits are
permanently set to indicate the full functionality of the
DP83848I (only the 100BASE-T4 bit is not set since the
DP83848I does not support that function).
The BMSR also provides status on:
— Whether or not Auto-Negotiation is complete
— Whether or not the Link Partner is advertising that a re-
mote fault has occurred
— Whether or not valid link has been established
— Support for Management Frame Preamble suppression
The Auto-Negotiation Advertisement Register (ANAR)
indicates the Auto-Negotiation abilities to be advertised by
the DP83848I. All available abilities are transmitted by
default, but any ability can be suppressed by writing to the
Table 1. Auto-Negotiation Modes
AN_EN
AN1
AN0
Forced Mode
0
0
0
10BASE-T, Half-Duplex
0
0
1
10BASE-T, Full-Duplex
0
1
0
100BASE-TX, Half-Duplex
0
1
1
100BASE-TX, Full-Duplex
AN_EN
AN1
AN0
Advertised Mode
1
0
0
10BASE-T, Half/Full-Duplex
1
0
1
100BASE-TX, Half/Full-Duplex
1
1
0
10BASE-T Half-Duplex
100BASE-TX, Half-Duplex
1
1
1
10BASE-T, Half/Full-Duplex
100BASE-TX, Half/Full-Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com