Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848I Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848I
Description  PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848I Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP83848I Datasheet HTML 6Page - National Semiconductor (TI) DP83848I Datasheet HTML 7Page - National Semiconductor (TI) DP83848I Datasheet HTML 8Page - National Semiconductor (TI) DP83848I Datasheet HTML 9Page - National Semiconductor (TI) DP83848I Datasheet HTML 10Page - National Semiconductor (TI) DP83848I Datasheet HTML 11Page - National Semiconductor (TI) DP83848I Datasheet HTML 12Page - National Semiconductor (TI) DP83848I Datasheet HTML 13Page - National Semiconductor (TI) DP83848I Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
www.national.com
10
RX_CLK
O
38
MII RECEIVE CLOCK: Provides the 25 MHz recovered receive
clocks for 100 Mb/s mode and 2.5 MHz for 10 Mb/s mode.
Unused in RMII mode. The device uses the X1 reference clock in-
put as the 50 MHz reference for both transmit and receive.
SNI RECEIVE CLOCK: Provides the 10 MHz recovered receive
clocks for 10 Mb/s SNI mode.
RX_DV
S, O, PD
39
MII RECEIVE DATA VALID: Asserted high to indicate that valid
data is present on the corresponding RXD[3:0]. MII mode by de-
fault with internal pulldown.
RMII Synchronous Receive Data Valid: This signal provides the
RMII Receive Data Valid indication independent of Carrier Sense.
This pin is not used in SNI mode.
RX_ER
S, O, PU
41
MII RECEIVE ERROR: Asserted high synchronously to RX_CLK
to indicate that an invalid symbol has been detected within a re-
ceived packet in 100 Mb/s mode.
RMII RECEIVE ERROR: Assert high synchronously to X1 when-
ever it detects a media error and RXDV is asserted in 100 Mb/s
mode.
This pin is not required to be used by a MAC, in either MII or RMII
mode, since the Phy is required to corrupt data on a receive error.
This pin is not used in SNI mode.
RXD_0
RXD_1
RXD_2
RXD_3
S, O, PD
43
44
45
46
MII RECEIVE DATA: Nibble wide receive data signals driven syn-
chronously to the RX_CLK, 25 MHz for 100 Mb/s mode, 2.5 MHz
for 10 Mb/s mode). RXD[3:0] signals contain valid data when
RX_DV is asserted.
RMII RECEIVE DATA: 2-bits receive data signals, RXD[1:0], driv-
en synchronously to the X1 clock, 50 MHz.
SNI RECEIVE DATA: Receive data signal, RXD_0, driven syn-
chronously to the RX_CLK. RXD_0 contains valid data when CRS
is asserted. RXD[3:1] are not used in this mode.
CRS/CRS_DV
S, O, PU
40
MII CARRIER SENSE: Asserted high to indicate the receive me-
dium is non-idle.
RMII CARRIER SENSE/RECEIVE DATA VALID: This signal
combines the RMII Carrier and Receive Data Valid indications.
For a detailed description of this signal, see the RMII Specifica-
tion.
SNI CARRIER SENSE: Asserted high to indicate the receive me-
dium is non-idle. It is used to frame valid receive data on the
RXD_0 signal.
COL
S, O, PU
42
MII COLLISION DETECT: Asserted high to indicate detection of
a collision condition (simultaneous transmit and receive activity)
in 10 Mb/s and 100 Mb/s Half Duplex Modes.
While in 10BASE-T Half Duplex mode with heartbeat enabled this
pin is also asserted for a duration of approximately 1
µs at the end
of transmission to indicate heartbeat (SQE test).
In Full Duplex Mode, for 10 Mb/s or 100 Mb/s operation, this sig-
nal is always logic 0. There is no heartbeat function during 10
Mb/s full duplex operation.
RMII COLLISION DETECT: Per the RMII Specification, no COL
signal is required. The MAC will recover CRS from the CRS_DV
signal and use that along with its TX_EN signal to determine col-
lision.
SNI COLLISION DETECT: Asserted high to indicate detection of
a collision condition (simultaneous transmit and receive activity)
in 10 Mb/s SNI mode.
Signal Name
Type
Pin #
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com