Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848I Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848I
Description  PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848I Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP83848I Datasheet HTML 31Page - National Semiconductor (TI) DP83848I Datasheet HTML 32Page - National Semiconductor (TI) DP83848I Datasheet HTML 33Page - National Semiconductor (TI) DP83848I Datasheet HTML 34Page - National Semiconductor (TI) DP83848I Datasheet HTML 35Page - National Semiconductor (TI) DP83848I Datasheet HTML 36Page - National Semiconductor (TI) DP83848I Datasheet HTML 37Page - National Semiconductor (TI) DP83848I Datasheet HTML 38Page - National Semiconductor (TI) DP83848I Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
35
www.national.com
5.4 Power Feedback Circuit
To ensure correct operation for the DP83848I, parallel caps
with values of 10
µF (Tantalum) and 0.1 µF should be
placed close to pin 23 (PFBOUT) of the device.
Pin 18 (PFBIN1) and pin 37 (PFBIN2) must be connected
to pin 23 (PFBOUT), each pin requires a small capacitor
(.1
µF). See Figure 13 below for proper connections.
5.5 Power Down/Interrupt
The Power Down and Interrupt functions are multiplexed
on pin 7 of the device. By default, this pin functions as a
power down input and the interrupt function is disabled.
Setting bit 0 (INT_OE) of MICR (0x11h) will configure the
pin as an active low interrupt output.
5.5.1 Power Down Control Mode
The PWR_DOWN/INT pin can be asserted low to put the
device in a Power Down mode. This is equivalent to setting
bit 11 (Power Down) in the Basic Mode Control Register,
BMCR (0x00h). An external control signal can be used to
drive the pin low, overcoming the weak internal pull-up
resistor. Alternatively, the device can be configured to ini-
tialize into a Power Down state by use of an external pull-
down resistor on the PWR_DOWN/INT pin. Since the
device will still respond to management register accesses,
setting the INT_OE bit in the MICR register will disable the
PWR_DOWN/INT input, allowing the device to exit the
Power Down state.
5.5.2 Interrupt Mechanisms
The interrupt function is controlled via register access. All
interrupt sources are disabled by default. Setting bit 1
(INTEN) of MICR (0x11h) will enable interrupts to be out-
put, dependent on the interrupt mask set in the lower byte
of the MISR (0x12h). The PWR_DOWN/INT pin is asyn-
chronously asserted low when an interrupt condition
occurs. The source of the interrupt can be determined by
reading the upper byte of the MISR. One or more bits in the
Table 8. 50 MHz Oscillator Specification
Parameter
Min
Typ
Max
Units
Condition
Frequency
50
MHz
Frequency
Tolerance
+50
ppm
Operational Temperature
Frequency
Stability
+50
ppm
Operational Temperature
Rise / Fall Time
6
nsec
20% - 80%
Jitter
8001
psec
Short term
Jitter
8001
psec
Long term
Symmetry
40%
60%
Duty Cycle
1 This limit is provided as a guideline for component selection and to guaranteed by production testing.
Refer to AN-1548, “PHYTER 100 Base-TX Reference Clock Jitter Tolerance,“ for details on jitter performance.
Table 9. 25 MHz Crystal Specification
Parameter
Min
Typ
Max
Units
Condition
Frequency
25
MHz
Frequency
Tolerance
+50
ppm
Operational
Temperature
Frequency
Stability
+50
ppm
1 year aging
Load Capacitance
25
40
pF
.1
µF
10
µF
Pin 23 (PFBOUT)
.1
µF
.1
µF
Pin 18 (PFBIN1)
Pin 37 (PFBIN2)
+
-
Figure 13. Power Feeback Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com