Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN772 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN772
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN772 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN772 Datasheet HTML 4Page - STMicroelectronics VN772 Datasheet HTML 5Page - STMicroelectronics VN772 Datasheet HTML 6Page - STMicroelectronics VN772 Datasheet HTML 7Page - STMicroelectronics VN772 Datasheet HTML 8Page - STMicroelectronics VN772 Datasheet HTML 9Page - STMicroelectronics VN772 Datasheet HTML 10Page - STMicroelectronics VN772 Datasheet HTML 11Page - STMicroelectronics VN772 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/21
VN772K
ELECTRICAL CHARACTERISTICS FOR LOW SIDE SWITCHES (continued)
PROTECTIONS (-40°C < Tj < 150°C, unless otherwise specified)
(*) Pulsed: Pulse duration = 300
µs, duty cycle 1.5%
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Ilim
Drain Current Limit
VIN=5V; VDS=13V
VIN=5V; VDS=13V; Tj=125°C
6
6.5
912
12
A
A
tdlim
Step Response Current
Limit
VIN=5V; VDS=13V
4.0
µs
Tjsh
Overtemperature
Shutdown
150
175
°C
Tjrs
Overtemperature Reset
135
°C
Igf
Fault Sink Current
VIN= 5V; VDS=13V; Tj=Tjsh
15
mA
Eas
Single Pulse
Avalanche Energy
starting Tj=25°C; VDD=24V
VIN=5V; Rgen=RIN MIN=150Ω; L=24mH
200
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com