Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN772 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN772
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN772 Datasheet(HTML) 1 Page - STMicroelectronics

  VN772 Datasheet HTML 1Page - STMicroelectronics VN772 Datasheet HTML 2Page - STMicroelectronics VN772 Datasheet HTML 3Page - STMicroelectronics VN772 Datasheet HTML 4Page - STMicroelectronics VN772 Datasheet HTML 5Page - STMicroelectronics VN772 Datasheet HTML 6Page - STMicroelectronics VN772 Datasheet HTML 7Page - STMicroelectronics VN772 Datasheet HTML 8Page - STMicroelectronics VN772 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
®
November 2002
1/21
VN772K
QUAD SMART POWER SOLID STATE RELAY
FOR COMPLETE H BRIDGE CONFIGURATIONS
1
(*) Total resistance of one side in bridge configuration
(**) Typical current limitation value
s
SUITED AS LOW VOLTAGE BRIDGE
s
LINEAR CURRENT LIMITATION
s
VERY LOW STAND-BY POWER DISSIPATION
s
SHORT CIRCUIT PROTECTED
s
DOUBLE STATUS FLAG DIAGNOSTIC (OPEN
DRAIN)
s
INTEGRATED CLAMPING CIRCUITS
s
UNDERVOLTAGE PROTECTION
s
ESD PROTECTION
DESCRIPTION
The VN772K is a device formed by three
monolithic chips housed in a standard SO-28
package: a double high side and two low side
switches. Both the double high side and low side
switches are made using |STMicroelectronics
VIPower™ M0-3 Technology. This device is
suitable to drive a DC motor in a bridge
configuration as well as to be used as a quad
switch for any low voltage application. The dual
high side switches have built-in thermal shutdown
to protect the chips from overtemperature and
current limiter blocks to protect the device from
short circuit. Status output is provided to indicate
open load in off and on state and overtemperature.
The low side switches are two OMNIFET II types
(fully autoprotected Power MOSFET in VIPower™
technology). They have built-in thermal shutdown,
linear current limitation and overvoltage clamping.
Fault feedback for thermal intervention can be
detected by monitoring the voltage at the input pin.
TYPE
RDS(on)
IOUT
VCC
VN772K
120 m
Ω (*)
9A (**)
36V
SO-28
PIN FUNCTION
No
NAME
FUNCTION
1, 3, 25, 28
DRAIN 3
Drain of Switch 3 (low-side switch)
2
INPUT 3
Input of Switch 3 (low-side switch)
4, 11
N.C.
Not Connected
5, 10, 19, 24
VCC
Drain of Switches 1 and 2 (high-side switches) and Power Supply Voltage
6
GND
Ground of Switches 1 and 2 (high-side switches)
7
INPUT 1
Input of Switch 1 (high-side switches)
8
DIAGNOSTIC
Diagnostic of Switches 1 and 2 (high-side switches)
9
INPUT 2
Input of Switch 2 (high-side switch)
12, 14, 15, 18 DRAIN 4
Drain of switch 4 (low-side switch)
13
INPUT 4
Input of Switch 4 (low-side switch)
16, 17
SOURCE 4
Source of Switch 4 (low-side switch)
20, 21
SOURCE 2
Source of Switch 2 (high-side switch)
22, 23
SOURCE 1
Source of Switch 1 (high-side switch)
26, 27
SOURCE 3
Source of Switch 3 (low-side switch)


Similar Part No. - VN772

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN772K-E STMICROELECTRONICS-VN772K-E Datasheet
226Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
VN772KP-E STMICROELECTRONICS-VN772KP-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
VN772KP-E STMICROELECTRONICS-VN772KP-E Datasheet
1Mb / 34P
Quad smart power solid state relay for complete H-bridge configurations
12-Feb-2015
VN772KPTR-E STMICROELECTRONICS-VN772KPTR-E Datasheet
1Mb / 34P
Quad smart power solid state relay for complete H-bridge configurations
12-Feb-2015
VN772KTR-E STMICROELECTRONICS-VN772KTR-E Datasheet
226Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
More results

Similar Description - VN772

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN770 STMICROELECTRONICS-VN770 Datasheet
87Kb / 10P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
Oct-1998
VN770P STMICROELECTRONICS-VN770P Datasheet
95Kb / 11P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-1998
VN771 STMICROELECTRONICS-VN771 Datasheet
87Kb / 10P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H-BRIDGE CONFIGURATIONS
Oct-1998
VN771P STMICROELECTRONICS-VN771P Datasheet
95Kb / 11P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-1998
VN5770AK-E STMICROELECTRONICS-VN5770AK-E Datasheet
506Kb / 31P
Quad smart power solid state relay for complete H bridge configurations
16-Feb-2007
VN771K STMICROELECTRONICS-VN771K Datasheet
901Kb / 33P
Quad smart power solid state relay for complete H-bridge configurations
10-Jul-2009
VN772K-E STMICROELECTRONICS-VN772K-E Datasheet
226Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
VN5770AKPTR-E STMICROELECTRONICS-VN5770AKPTR-E Datasheet
582Kb / 35P
Quad smart power solid state relay for complete H-bridge configurations
02-Oct-2012
VN5772AKTR-E STMICROELECTRONICS-VN5772AKTR-E Datasheet
875Kb / 34P
Quad smart power solid-state relay for complete H-bridge configurations
19-Sep-2013
VN771K-E STMICROELECTRONICS-VN771K-E Datasheet
225Kb / 21P
QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
Sep-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com