Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN772 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VN772
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN772 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VN772 Datasheet HTML 13Page - STMicroelectronics VN772 Datasheet HTML 14Page - STMicroelectronics VN772 Datasheet HTML 15Page - STMicroelectronics VN772 Datasheet HTML 16Page - STMicroelectronics VN772 Datasheet HTML 17Page - STMicroelectronics VN772 Datasheet HTML 18Page - STMicroelectronics VN772 Datasheet HTML 19Page - STMicroelectronics VN772 Datasheet HTML 20Page - STMicroelectronics VN772 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17/21
VN772K
100
200
300
400
500
600
700
800
900 1000 1100
Rg(ohm)
0
50
100
150
200
250
300
dv/dt(v/us)
Vin=3.5V
Vdd=15V
Id=3.5A
0
5
10
15
20
25
30
35
Vds(V)
100
200
300
400
500
600
C(pF)
f=1MHz
Vin=0V
0
250
500
750 1000 1250 1500 1750 2000 2250 2500
Rg(ohm)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
t(us)
td(on)
tf
td(off)
tr
Vdd=15V
Id=3.5A
Vin=5V
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
Vin(V)
0
200
400
600
800
1000
1200
1400
1600
t(ns)
tf
tr
td(on)
td(off)
Vdd=15V
Id=3.5A
Rg=150ohm
01
23
4
5
67
8
9
10
11
12
13
VDS(V)
0
1
2
3
4
5
6
7
8
9
10
11
12
ID(A)
Vin=2.5V
Vin=4V
Vin=4.5V
Vin=3V
Vin=2V
Vin=5V
-50
-25
0
25
50
75
100
125
150
175
T(ºC)
0.5
0.75
1
1.25
1.5
1.75
2
2.25
Rds(on)
Vin=5V
Id=3.5A
Turn Off Drain-Source Voltage Slope
Capacitance Variations
Switching Time Resistive Load
Switching Time Resistive Load
Output Characteristics
Normalized On Resistance Vs. Temperature
ELECTRICAL CHARACTERIZATION FOR LOW SIDE SWITCHES (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com