Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN772 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN772
Description  QUAD SMART POWER SOLID STATE RELAY FOR COMPLETE H BRIDGE CONFIGURATIONS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN772 Datasheet(HTML) 4 Page - STMicroelectronics

  VN772 Datasheet HTML 1Page - STMicroelectronics VN772 Datasheet HTML 2Page - STMicroelectronics VN772 Datasheet HTML 3Page - STMicroelectronics VN772 Datasheet HTML 4Page - STMicroelectronics VN772 Datasheet HTML 5Page - STMicroelectronics VN772 Datasheet HTML 6Page - STMicroelectronics VN772 Datasheet HTML 7Page - STMicroelectronics VN772 Datasheet HTML 8Page - STMicroelectronics VN772 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/21
VN772K
ABSOLUTE MAXIMUM RATING (continued)
LOW SIDE SWITCHES
ELECTRICAL CHARACTERISTICS FOR DUAL HIGH SIDE SWITCH
(8V<VCC<36V; -40°C< Tj <150°C, unless otherwise specified)
POWER OUTPUTS (Per each channel)
SWITCHING (Per each channel) (VCC=13V)
(**) Per device
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VIN=0V)
Internally Clamped
V
VIN
Input Voltage
Internally Clamped
V
IIN
Input Current
+/-20
mA
RIN MIN
Minimum Input Series Impedance
150
Ω
ID
Drain Current
Internally Limited
A
IR
Reverse DC Output Current
-10.5
A
VESD1
Electrostatic Discharge (R=1.5K
Ω, C=100pF)
4000
V
VESD2
Electrostatic Discharge on output pin only
(R=330
Ω, C=150pF)
16500
V
Ptot
Power Dissipation (TC=25°C)
6
W
Tj
Operating Junction Temperature
Internally limited
°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC (**)
Operating Supply Voltage
5.5
13
36
V
VUSD (**)
Undervoltage Shut-down
3
4
5.5
V
VOV (**)
Overvoltage Shut-down
36
V
RDS(on)
On State Resistance
IOUT=2A; Tj=25°C
IOUT=2A; VCC>8V
60
120
m
Ω
m
Ω
IS (**)
Supply Current
Off State; VCC=13V; VIN=VOUT=0V
Off State; VCC=13V; Tj =25°C;
VIN=VOUT=0V
On State; VCC=13V
12
12
5
40
25
7
µA
µA
mA
IL(off1)
Off State Output Current
VIN=VOUT=0V; VCC=36V; Tj=125°C
0
50
µA
IL(off2)
Off State Output Current
VIN=0V; VOUT=3.5V
-75
0
µA
IL(off3)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =125°C
5
µA
IL(off4)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =25°C
3
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time
RL=6.5Ω from VIN rising edge to
VOUT=1.3V
30
µs
td(off)
Turn-off Delay Time
RL=6.5Ω from VIN falling edge to
VOUT=11.7V
30
µs
dVOUT/
dt(on)
Turn-on Voltage Slope
RL=6.5Ω from VOUT=1.3V to
VOUT=10.4V
See
relative
diagram
V/
µs
dVOUT/
dt(off)
Turn-off Voltage Slope
RL=6.5Ω from VOUT=11.7V to
VOUT=1.3V
See
relative
diagram
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com