Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4612HSTRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC4612HSTRT
Description  40V Synchronous Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612HSTRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4612HSTRT Datasheet HTML 6Page - Semtech Corporation SC4612HSTRT Datasheet HTML 7Page - Semtech Corporation SC4612HSTRT Datasheet HTML 8Page - Semtech Corporation SC4612HSTRT Datasheet HTML 9Page - Semtech Corporation SC4612HSTRT Datasheet HTML 10Page - Semtech Corporation SC4612HSTRT Datasheet HTML 11Page - Semtech Corporation SC4612HSTRT Datasheet HTML 12Page - Semtech Corporation SC4612HSTRT Datasheet HTML 13Page - Semtech Corporation SC4612HSTRT Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
© 2008 Semtech Corp.
www.semtech.com
SC4612H
POWER MANAGEMENT
Applications Information
INTRODUCTION
The SC4612H is a versatile voltage mode synchronous
rectified buck PWM convertor, with an input supply (VIN)
ranging from 4.5V to 40V designed to control and drive
N-channel MOSFETs.
The power dissipation is controlled by allowing high speed
and integration with the high drive currents to ensure low
MOSFET switching loss. The synchronous buck configu-
ration also allows converter sinking current from load with-
out losing output regulation.
The internal reference is trimmed to 500mV with ± 1%
accuracy, and the output voltage can be adjusted by an
external resistor divider.
A fixed oscillator frequency (up to 1.2MHz) can be
programmed by an external capacitor for design
optimization.
Other features of the SC4612H include:
Wide input power voltage range (from 4.5V to 40V), low
output voltages, externally programmable soft-start, hiccup
over current protection, wide duty cycle range, thermal
shutdown, and -40 to 125°C junction operating
temperature range.
THEORY OF OPERATION
SUPPLIES
Two pins (VDD and DRV) are used to power up the
SC4612H. If input supply (Vin) is less than 10V, tie DRV
and VDD together.
This DRV supply should be bypassed with a low ESR 2.2uF
(or greater) ceramic capacitor directly at the DRV to GND
pins of the SC4612H.
The DRV supply also provides the bias for the low and the
high side MOSFET gate drive.
The maximum rating for DRV supply is 10V and for
applications where input supply is below 10V, it should be
connected directly to VDD.
The internal pass transistor will regulate the DRV from an
external supply connected to VDD to produce 7.8V typical
at the DRV pin.
Soft Start / Shut down
The SC4612H performs a “pre-bias” type startup. This
ensures that a pre-charged output capacitor will not
cause the SC4612H to turn on the bottom FET during
startup to discharge it, as a normal synchronous buck
controller would do. An external capacitor on the SS/EN
pin is used to set the Soft Start duration.
6
SS
SS
10
25
C
5
.
0
T
−
•
•
≈
Startup is inhibited until VDD input reaches the UVLO
threshold (typically 4.5V). Once VDD rises above UVLO,
the external soft start capacitor begins to charge from an
internal 25uA current source. When the SS/EN pin reaches
approximately 0.8V, top side switching is enabled.
However, a top side pulse will not occur until SS/EN has
charged up to the level appropriate for the existing output
voltage (a pre bias condition). Once the first top side gate
pulse actually occurs, the bottom side driver is enabled
and the remainder of the startup is fully synchronous.
In the event of an over current during startup, the SC4612H
behaves in the same manner as an over current in steady
state (see Over Current Protection).
Oscillator Frequency Selection
The internal oscillator sawtooth signal is generated by
charging an external capacitor with a current source of
100µA charge current.
See Table 1 “Frequency vs. C
OSC” to determine oscillator
frequency.
Frequency, vs. C
OSC
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
Frequency, (kHz)
Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com