Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4612HSTRT Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4612HSTRT
Description  40V Synchronous Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612HSTRT Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4612HSTRT Datasheet HTML 10Page - Semtech Corporation SC4612HSTRT Datasheet HTML 11Page - Semtech Corporation SC4612HSTRT Datasheet HTML 12Page - Semtech Corporation SC4612HSTRT Datasheet HTML 13Page - Semtech Corporation SC4612HSTRT Datasheet HTML 14Page - Semtech Corporation SC4612HSTRT Datasheet HTML 15Page - Semtech Corporation SC4612HSTRT Datasheet HTML 16Page - Semtech Corporation SC4612HSTRT Datasheet HTML 17Page - Semtech Corporation SC4612HSTRT Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
© 2008 Semtech Corp.
www.semtech.com
SC4612H
POWER MANAGEMENT
Low Side R
DS_ON Current Limit
1. Programming resistors Ra and Rb - Not installed:
2
R
Vphase
mV
100
3
R
mV
100
V
75
.
2
−
=
−
solving for: V
PHASE = -100mV, therefore the circuit will trip @
R
DS_ON x ILOAD = 100mV
2. To increase trip voltage - install Ra.
PHASE
PHASE
V
10
1
V
20
772
Ra
⋅
+
⋅
−
−
=
solving for double the current limit: V
PHASE = -200mV.
Ra = 768kΩ.
3. To decrease trip voltage - install Rb
PHASE
PHASE
V
10
1
V
20
8
Rb
⋅
+
⋅
−
=
solving for half the current limit: V
PHASE = -50mV.
Rb = 18kΩ.
NOTE! Allow for tempco and R
DS_ON variation of the MOS-
FET - see “overcurrent protection” information on page 11
in the datasheet.
that the stored charge on the bottom FET body diode will
be moved through the top FET as it starts to turn on. The
resulting power dissipation in the top FET will be:
OSC
IN
RR
RR
f
V
Q
P
⋅
⋅
=
BOTTOM FET - Bottom FET losses are almost entirely due
to conduction. The body diode is forced into conduction at
the beginning and end of the bottom switch conduction
period, so when the FET turns on and off, there is very little
voltage across it resulting in very low switching losses.
Conduction losses for the FET can be determined by:
)
D
1
(
R
I
P
)
on
(
DS
2
O
COND
−
⋅
⋅
=
INPUT CAPACITORS - Since the RMS ripple current in the
input capacitors may be as high as 50% of the output
current, suitable capacitors must be chosen accordingly.
Also, during fast load transients, there may be restrictions
on input di/dt. These restrictions require useable energy
storage within the converter circuitry, either as extra output
capacitance or, more usually, additional input capacitors.
Choosing low ESR input capacitors will help maximize ripple
rating for a given size.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com