Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4612HSTRT Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC4612HSTRT
Description  40V Synchronous Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612HSTRT Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC4612HSTRT Datasheet HTML 13Page - Semtech Corporation SC4612HSTRT Datasheet HTML 14Page - Semtech Corporation SC4612HSTRT Datasheet HTML 15Page - Semtech Corporation SC4612HSTRT Datasheet HTML 16Page - Semtech Corporation SC4612HSTRT Datasheet HTML 17Page - Semtech Corporation SC4612HSTRT Datasheet HTML 18Page - Semtech Corporation SC4612HSTRT Datasheet HTML 19Page - Semtech Corporation SC4612HSTRT Datasheet HTML 20Page - Semtech Corporation SC4612HSTRT Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
© 2008 Semtech Corp.
www.semtech.com
SC4612H
POWER MANAGEMENT
PCB Layout Guidelines
Careful attention to layout is necessary for successful
implementation of the SC4612H PWM controller. High
switching currents are present in the application and their
effect on ground plane voltage differentials must be
understood and minimized.
1) The high power section of the circuit should be laid out
first. A ground plane should be used. The number and
position of ground plane interruptions should not
unnecessarily compromise ground plane integrity. Isolated
or semi-isolated areas of the ground plane may be
deliberately introduced to constrain ground currents to
particular areas; for example, the input capacitor and
bottom FET ground.
2) The loop formed by the Input Capacitor(s) (Cin), the Top
FET (M1), and the Bottom FET (M2) must be kept as small
as possible. This loop contains all the high current, fast
transition switching. Connections should be as wide and
as short as possible to minimize loop inductance.
Minimizing this loop area will a) reduce EMI, b) lower ground
injection currents, resulting in electrically “cleaner” grounds
for the rest of the system and c) minimize source ringing,
resulting in more reliable gate switching signals.
3) The connection between the junction of M1, M2 and
the output inductor should be a wide trace or copper region.
It should be as short as practical. Since this connection
has fast voltage transitions, keeping this connection short
will minimize EMI. Also keep the Phase connection to the
IC short. Top FET gate charge currents flow in this trace.
4) The Output Capacitor(s) (Cout) should be located as
close to the load as possible. Fast transient load currents
are supplied by Cout only, and therefore, connections
between Cout and the load must be short, wide copper
areas to minimize inductance and resistance.
5) The SC4612H is best placed over a quiet ground plane
area. Avoid pulse currents in the Cin, M1, M2 loop flowing
in this area. GND should be returned to the ground plane
close to the package and close to the ground side of (one
of) the output capacitor(s). If this is not possible, the GND
pin may be connected to the ground path between the
Output Capacitor(s) and the Cin, M1, M2 loop. Under no
circumstances should GND be returned to a ground inside
the Cin, M1, M2 loop.
6) Allow adequate heat sinking area for the power
components. If multiple layers will be used, provide
sufficent vias for heat transfer.
Voltage and current waveforms of buck power stage .
Vout
VIN
+
+
Ids (Top Fet)
Ids (Bottom Fet)
I (Input Capacitor)
Vphase
I (Inductor)
Vout
I (Output Capacitor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com