Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3308B Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATSAM3308B
Description  Audio Processing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308B Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATSAM3308B Datasheet HTML 4Page - ATMEL Corporation ATSAM3308B Datasheet HTML 5Page - ATMEL Corporation ATSAM3308B Datasheet HTML 6Page - ATMEL Corporation ATSAM3308B Datasheet HTML 7Page - ATMEL Corporation ATSAM3308B Datasheet HTML 8Page - ATMEL Corporation ATSAM3308B Datasheet HTML 9Page - ATMEL Corporation ATSAM3308B Datasheet HTML 10Page - ATMEL Corporation ATSAM3308B Datasheet HTML 11Page - ATMEL Corporation ATSAM3308B Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
6090D–DRMSD–12-Feb-07
ATSAM3308B
CLBD
6
Out
-
Audio bit clock for DABD3 - 0. Audio bit clock for DAAD3 - 0 if the
corresponding CLAD3 - 0 is not used.
WSBD
7
Out
-
Audio left/right channel select for DABD3 - 0. Audio left/right channel for
DAAD3 - 0 if the corresponding WSAD3 - 0 is not used.
CKOUT
5
Out
-
External DAC/Codec master clock. Same frequency as X2 pin. Can be
programmed to be 128xFs, 192xFs, 256xFs, 384xFs, where Fs is the
DAC/Codec sampling rate.
DAAD0
54
In
9
Stereo audio data input, I2S format. Can operate on CLBD master rate
or CLAD0 external rate when sampling rate conversion is requested.
P0.15
54
In
9
General-purpose input pin
DAAD3 - 1
60, 59, 55
In
Pd
-
Three additional channels of stereo audio input, I2S format. Can
individually operate on CLBD master rate or corresponding CLAD3 - 1
when sampling rate conversion is requested.
DAAD3 - 1 have built-in pull-downs. They may be left open if not used.
MUTE
19
I/O
10
External DAC/Codec Mute. Sensed at power up. If found high, then
MUTE becomes an active high output. If found low, then MUTE
becomes an active low output.
P1.6
19
I/O
10
General-purpose I/O pin
WA21
45
Out
11
External memory address bit, extension to 64 Mbits
SMCE
45
Out
11
SmartMedia chip enable (CE), active low
P1.5
45
I/O
11
General-purpose I/O pin
WA20
44
Out
12
External memory address bit, extension to 32 Mbits
SMALE
44
Out
12
SmartMedia address latch enable (ALE)
P1.4
44
I/O
12
General-purpose I/O pin
WA19
43
Out
13
External memory address bit, extension to 16 Mbits
SMWE
43
Out
13
SmartMedia write enable (WE), active low
P1.3
43
I/O
13
General-purpose I/O pin
WA18
42
Out
14
External memory address bit, extension to 8 Mbits
SMCLE
42
Out
14
SmartMedia command latch enable (CLE)
P1.2
42
I/O
14
General-purpose I/O pin
WA17 –
WA16
58, 57
Out
15
External memory address bits, extension to 2 and 4 Mbits
P1.1 – P1.0
58, 57
I/O
15
General-purpose I/O pins
WA15 –
WA0
53, 51, 40, 39, 38,
37, 36, 27, 26, 21,
16, 15, 14, 12, 11, 10
Out
16
External memory address bits, up to 1 MBits (64K x 16)
P2.15 –
P2.0
53, 51, 40, 39, 38,
37, 36, 27, 26, 21,
16, 15, 14, 12, 11, 10
I/O
16
General-purpose I/O pins
Table 6-1.
Pinout by Pin Name (Continued)
Pin Name
Pin Number
Type
Sharing
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com