Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3308B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATSAM3308B
Description  Audio Processing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATSAM3308B Datasheet HTML 5Page - ATMEL Corporation ATSAM3308B Datasheet HTML 6Page - ATMEL Corporation ATSAM3308B Datasheet HTML 7Page - ATMEL Corporation ATSAM3308B Datasheet HTML 8Page - ATMEL Corporation ATSAM3308B Datasheet HTML 9Page - ATMEL Corporation ATSAM3308B Datasheet HTML 10Page - ATMEL Corporation ATSAM3308B Datasheet HTML 11Page - ATMEL Corporation ATSAM3308B Datasheet HTML 12Page - ATMEL Corporation ATSAM3308B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
6090D–DRMSD–12-Feb-07
ATSAM3308B
WD15 –
WD0
94, 93, 92, 89, 88,
86, 85, 84, 80, 79,
78, 69, 68, 63, 62,
61
I/O
17
External memory data
P3.15 –
P3.0
94, 93, 92, 89, 88,
86, 85, 84, 80, 79,
78, 69, 68, 63, 62,
61
I/O
17
General-purpose I/O pins
WCS1
3
Out
18
External memory chip select 1, active low. Pre-decode for an external
RAM/Flash/ROM at address 200:0000H.
P1.10
3
I/O
18
General-purpose I/O pin
WCS0
4
Out
19
External memory chip select 2, active low. Pre-decode for an external
RAM/Flash/ROM at address 000:0000H
P1.9
4
I/O
19
General-purpose I/O pin
WOE
48
Out
20
External memory output enable, active low
P1.8
48
I/O
20
General-purpose I/O pin
WWE
49
Out
21
External memory write enable, active low
P1.7
49
I/O
21
General-purpose I/O pin
DFCS
23
Out
-
DataFlash chip select
DFSI
25
Out
-
DataFlash serial input (to DataFlash)
DFSO
32
In
Pd
-
DataFlash serial output (from DataFlash). This pin has a built-in pull-
down. It may be left open if not used.
DFSCK
24
Out
-
DataFlash data clock
P1.15
46
I/O
Pu
-
General-purpose I/O pin. This pin has built-in pull-up. It may be left
open if not used.
X1 – X2
72,71
-
-
External crystal connection. Standard frequencies are 6.9552 MHz, 9.6
MHz, 11.2896 MHz, 12.288 MHz. Max frequency is 12.5 MHz. An
external clock (max. 1.8 V
PP) can be connected to X1 using AC
coupling (22 pF). A built-in PLL multiplies the clock frequency by 4 for
internal use.
LFT
74
-
-
PLL decoupling RCR filter
RESET
33
In
-
Master reset Schmitt trigger input, active low. RESET should be held
low during at least 10 ms after power is applied. On the rising edge of
RESET, the chip enters an initialization routine, which may involve
firmware download from an external SmartMedia, DataFlash or host.
STIN
34
In
Pd
-
Serial test input. This is a 57.6 Kbaud asynchronous input used for
firmware debugging. This pin is tested at power-up. The built-in
debugger starts if STIN is found high. STIN has a built-in pull-down. It
should be grounded or left open for normal operation.
Table 6-1.
Pinout by Pin Name (Continued)
Pin Name
Pin Number
Type
Sharing
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com