Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3308B Datasheet(PDF) 17 Page - ATMEL Corporation

Part # ATSAM3308B
Description  Audio Processing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308B Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button ATSAM3308B Datasheet HTML 13Page - ATMEL Corporation ATSAM3308B Datasheet HTML 14Page - ATMEL Corporation ATSAM3308B Datasheet HTML 15Page - ATMEL Corporation ATSAM3308B Datasheet HTML 16Page - ATMEL Corporation ATSAM3308B Datasheet HTML 17Page - ATMEL Corporation ATSAM3308B Datasheet HTML 18Page - ATMEL Corporation ATSAM3308B Datasheet HTML 19Page - ATMEL Corporation ATSAM3308B Datasheet HTML 20Page - ATMEL Corporation ATSAM3308B Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17
6090D–DRMSD–12-Feb-07
ATSAM3308B
10.4
Serial Slave Synchronous Interface
The ATSAM3308B can be controlled by an external host processor through this unidirectional
serial interface. However, no firmware can be downloaded at power-up through this interface.
Therefore an external ROM/Flash/EEPROM is required.
Pins used: SCLK, SYNC, SDIN (input) INT (output)
Data is shifted into MSB first. The IC samples an incoming SDIN bit on the rising edge of SCLK,
therefore the host should change SDIN on the negative SCLK edge.
SYNC allows initial synchronization. The rising edge of SYNC, which should occur with SCLK
low, indicates that SDIN will hold MSB data on the next rising SCLK.
The data is stored internally into a 256 byte FIFO.
When the FIFO count is below 64, the INT output goes low. This allows the host processor to
send data in burst mode.
The maximum SCLK frequency is fck (fck being the crystal frequency).The minimum time
between two bytes is 64 fck periods.
The contents of the SDIN data are defined by the firmware.
Figure 10-4.
Serial Slave Interface Typical Timing
10.5
Digital Audio
Pins used: CLBD (output), WSBD (output) DABD3 - 0 (outputs) DAAD3 - 0 (inputs)
Optionally: CLAD3 - 0 (inputs), WSAD3 - 0 (inputs)
The ATSAM3308B allows for 8 digital audio output channels and 8 digital audio input channels.
All audio channels are normally synchronized on single clocks CLBD, WSBD which are derived
from the IC crystal oscillator. However, as a firmware option, the DAAD3 - 0 inputs can be syn-
chronized with incoming CLAD3 - 0 and WSAD3 - 0 signals. In this case, the incoming sampling
frequencies must be lower or equal to the chip sampling frequency.
The digital audio timing follows the I2S standard, with up to 24 bits per sample
SCLK
SYNC
SDIN
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com