Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3308B Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATSAM3308B
Description  Audio Processing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3308B Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATSAM3308B Datasheet HTML 15Page - ATMEL Corporation ATSAM3308B Datasheet HTML 16Page - ATMEL Corporation ATSAM3308B Datasheet HTML 17Page - ATMEL Corporation ATSAM3308B Datasheet HTML 18Page - ATMEL Corporation ATSAM3308B Datasheet HTML 19Page - ATMEL Corporation ATSAM3308B Datasheet HTML 20Page - ATMEL Corporation ATSAM3308B Datasheet HTML 21Page - ATMEL Corporation ATSAM3308B Datasheet HTML 22Page - ATMEL Corporation ATSAM3308B Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
19
6090D–DRMSD–12-Feb-07
ATSAM3308B
Figure 10-7. 192 x Fs and 384 x Fs Modes
10.6
Serial MIDI_IN and MIDI_OUT
The serial MIDI IN and OUT signals are asynchronous signals following the MIDI transmission
standard:
• Baud rate: 31.25 kHz
• Format: start, 8 data bits, 1 stop
10.7
External Memory
Pins used: WA21 - WA0 (address out), WD15 - WD0 (data bi-directional) WCS0, WCS1 (pre-
decodes out) WOE (output enable) WWE (write)
When using all address bits, the maximum addressing range is two pages (WCS0, WCS1) of 4M
words (total = 16 Mbytes).
Figure 10-8. ROM/Flash Read Cycle
WSB
CLDB
DABD3 - 0
DAAD3 - 0
MSB
MSB
LSB
(16 bits)
LSB
(24 bits)
tRC
tCSOE
tPOE
tACE
tOE
tDF
WA0 - WA21
WD0 - WD15
WCS0
WOE
WCS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com