Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3108B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM3108B
Description  Audio Processing
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3108B Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM3108B Datasheet HTML 1Page - ATMEL Corporation ATSAM3108B Datasheet HTML 2Page - ATMEL Corporation ATSAM3108B Datasheet HTML 3Page - ATMEL Corporation ATSAM3108B Datasheet HTML 4Page - ATMEL Corporation ATSAM3108B Datasheet HTML 5Page - ATMEL Corporation ATSAM3108B Datasheet HTML 6Page - ATMEL Corporation ATSAM3108B Datasheet HTML 7Page - ATMEL Corporation ATSAM3108B Datasheet HTML 8Page - ATMEL Corporation ATSAM3108B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Features
• Eight DSPs and 24-bit Audio Router On-chip
• 32 kHz to 96 kHz Sampling Rate
• 16-bit Microcontroller On-chip
• Variety of I/Os, including SmartMedia® and DataFlash®
• Embedded RAM for Single Chip Operation (768 Kbits)
• Warm Start Power-down
• 1µA Typical Deep Power-down, 0.5 mW/MIPS Typical Operating
• Available in a 64-lead LQFP Package
• Ideal for Real-time Audio Applications
– Professional Effect Processing (Reverb, Chorus, Flanger, Distortion, Equalizer)
– Internal Routing and Mixing of 8-input/8-output Channels
– Sampling Rate Conversion of Digital Inputs at up to 96 kHz at 24 bits
• Typical Applications: Professional Audio, Studio Equipment, Digital Mixer, Effect
Devices, Equalizer
1.
Description
The ATSAM3108B is a member of the new ATSAM3000 family that uses DSP array
technology. The ATSAM3108B includes eight 24-bit DSPs, a 24-bit Audio Router and
a general-purpose 16-bit on-chip CISC microcontroller. Its high performance and flex-
ibility with 8-input/8-output channels enables implementation of audio applications in
professional-quality sound production such as effect processing and digital mixing. A
variety of I/Os, including, SmartMedia
® and DataFlash® are provided. Sampling rates
up to 96 kHz at 24 bits are supported.
Audio
Processing
ATSAM3108B
Eight-channel
Multiprocessing
Audio DSP
6092C–DRMSD–12-Feb-07


Similar Part No. - ATSAM3108B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3103 ATMEL-ATSAM3103 Datasheet
179Kb / 24P
ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP
More results

Similar Description - ATSAM3108B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
Audio Processing
ATSAM2533 ATMEL-ATSAM2533 Datasheet
506Kb / 19P
Audio Processing
logo
Unisonic Technologies
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
TV AUDIO PROCESSING CIRCUIT
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
Audio Processing System LSI
May 2015 - Rev. 1
logo
VLSI Solution Oy
VS1005G VLSI-VS1005G Datasheet
2Mb / 118P
Audio Processing Platform IC
Version: 0.63, 2014-12-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com