Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3108B Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATSAM3108B
Description  Audio Processing
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3108B Datasheet(HTML) 4 Page - ATMEL Corporation

  ATSAM3108B Datasheet HTML 1Page - ATMEL Corporation ATSAM3108B Datasheet HTML 2Page - ATMEL Corporation ATSAM3108B Datasheet HTML 3Page - ATMEL Corporation ATSAM3108B Datasheet HTML 4Page - ATMEL Corporation ATSAM3108B Datasheet HTML 5Page - ATMEL Corporation ATSAM3108B Datasheet HTML 6Page - ATMEL Corporation ATSAM3108B Datasheet HTML 7Page - ATMEL Corporation ATSAM3108B Datasheet HTML 8Page - ATMEL Corporation ATSAM3108B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
6092C–DRMSD–12-Feb-07
ATSAM3108B
• 2 x asynchronous bidirectional serial ports
• Synchronous serial slave port (SPI type host connection)
• SPI master bidirectional port for EEPROM or DataFlash connection
• Firmware controlled I/O pins
4.
Typical Application Example
4.1
Professional Audio
Figure 4-1.
Professional Audio Application
• Eight channels audio-in, eight channels audio-out @ 96kHz at 24-bit sampling rate
• Digital Mixer with the possibility of incoming audio sampling rate converter
• Effects
• Four Channels 31-band Equalizer
• Feedback Canceller
5.
DSP Capacity and I/O Configuration
5.1
DSP Considerations
The ATSAM3108B includes 8 x P24 DSPs. Table 5-1 below lists the performance achievable by
the P24.
The ATSAM3108B runs firmware directly from the built in 16 x 24 RAM. It has no wave-table
synthesis capability. The firmware should be downloaded at power-up.
ATSAM3108B
ADC
DAC
Atmel
DataFlash
8-channel
Audio
Out
Switches
LCD
Display
MIDI
Table 5-1.
P24 Performance
Function
P24s Required
Stereo reverb and chorus @48 kHz
1
Stereo sampling rate conversion @ 96 kHz
1
31-band equalizer @ 96 kHz
3
Stereo 31-band equalizer @48 kHz
3
256 points FFT or IFFT @96 kHz,
includes windowing
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com