Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3108B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATSAM3108B
Description  Audio Processing
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3108B Datasheet(HTML) 3 Page - ATMEL Corporation

  ATSAM3108B Datasheet HTML 1Page - ATMEL Corporation ATSAM3108B Datasheet HTML 2Page - ATMEL Corporation ATSAM3108B Datasheet HTML 3Page - ATMEL Corporation ATSAM3108B Datasheet HTML 4Page - ATMEL Corporation ATSAM3108B Datasheet HTML 5Page - ATMEL Corporation ATSAM3108B Datasheet HTML 6Page - ATMEL Corporation ATSAM3108B Datasheet HTML 7Page - ATMEL Corporation ATSAM3108B Datasheet HTML 8Page - ATMEL Corporation ATSAM3108B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
6092C–DRMSD–12-Feb-07
ATSAM3108B
3.2
Sync Bus
The Sync Bus transfers data on a frame basis, typical frame rates being 32, 44.1, 48 or 96 kHz.
Each frame is divided into 64 time slots. Each slot is divided into 4 bus cycles. Each P24 is
assigned a hardwired time slot (8 to 63), during which it may provide 24-bit data to the bus (up to
4 data samples). Each P24 can read data on the bus at any time, allowing inter P24 communica-
tion at the current sampling rate. Slots 0 to 7 are reserved for a specific router DSP, which also
handles audio out, audio in, and remix send.
3.3
Async Bus
The Async Bus has 24-bit data inside the chip and 16-bit data outside.
The P16 processor normally masters the Async Bus; it can read/write the P24 memories and the
external or embedded ROM/RAM. However, each P24 can request a bus master cycle for
accessing external ROM/RAM or other P24 memories. This allows efficient intercommunication
between several P24s on asynchronous block basis. Specific P24 instructions FLOAT and FIX
convert fixed-point DSP data to floating-point 16 bits. This allows for 20-bit audio dynamic range
when using 16-bit external memory.
3.4
16-bit Processor
The P16 processor is widely used in ATSAM products. Using the P16 keeps large firmware
investments from the ATSAM97xx series. A built-in ROM, connected to the P16 holds basic
input/output software (BIOS) for peripherals such as UART, DataFlash, SmartMedia and MPU,
as well as a debugger that uses a dedicated asynchronous serial line. The firmware can be
downloaded at power-up into the built-in 16k x 24 RAM from serial EEPROM, DataFlash, Smart-
Media or host.
3.5
MMU (Memory Management Unit)
The MMU handles transfer requests between the embedded RAM/ROM, the P16 and the P24s
through the Async Bus. The ATSAM3108B includes 16k x 24 RAM on chip.
3.6
Router: Final ACC, MIX, Audio Out, Audio In
This block includes RAM (accessed through the Async Bus) that defines the routing from the
Sync Bus to/from the Audio I/O or back to the Sync Bus (mix send). It takes care of mix and
accumulation from Sync Bus samples. Eight channels of audio in and eight channels of audio
out are provided (4-stereo in/out, I2S format). The stereo audio in channels may have a different
sampling rate than the audio out channels. In this case, one (or more) P24 takes care of sam-
pling rate conversion.
3.7
I/O
The ATSAM3108B includes very versatile I/Os, that share common pins for reduced pin count
and small IC footprint. Most I/Os, when not used for a specific function, remain available as firm-
ware controlled general-purpose pins.
The following peripherals are included on chip:
• 2 x 8-bit timers
•2 x 16-bit timers
• Parallel slave 8-bit port, MPU401 compatible
• Parallel master 8-bit port, for connection to SmartMedia and/or LCD display, switches, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com