Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3108B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATSAM3108B
Description  Audio Processing
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3108B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATSAM3108B Datasheet HTML 2Page - ATMEL Corporation ATSAM3108B Datasheet HTML 3Page - ATMEL Corporation ATSAM3108B Datasheet HTML 4Page - ATMEL Corporation ATSAM3108B Datasheet HTML 5Page - ATMEL Corporation ATSAM3108B Datasheet HTML 6Page - ATMEL Corporation ATSAM3108B Datasheet HTML 7Page - ATMEL Corporation ATSAM3108B Datasheet HTML 8Page - ATMEL Corporation ATSAM3108B Datasheet HTML 9Page - ATMEL Corporation ATSAM3108B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
6092C–DRMSD–12-Feb-07
ATSAM3108B
6.
Pinout
6.1
Pin Description
In the Pin Description table below:
• Identical sharing number indicates multifunction pins.
• Pd indicates a pin with built-in pull-down resistor.
• Pu indicates a pin with built-in pull-up resistor.
Table 6-1.
Pinout by Pin Name
Pin Name
Pin Number
Type
Sharin
g
Description
GND
4, 13, 19, 25, 36, 43,
48, 57
PWR
–
Digital ground. All of these pins should be returned to a ground plane.
VC18
12, 31, 46, 63
PWR
–
Core power. All of these pins should be returned to nominal 1.8V or to
PWROUT if the built-in power switch is used.
VC33
3, 32
PWR
–
Periphery power. All these pins should be returned to nominal 3.3V.
PWRIN
18
PWR
–
Power switch input; should be returned to nominal 1.8V even if the
power switch is not used.
PWROUT
17
PWR
–
Power switch output; should be connected to all VC18 pins if the power
switch is used
D7 - D0
59, 58, 56, 55, 52,
51, 50, 49
I/O
1
Slave 8-bit interface data. Output if CS and RD are low (read from chip),
input if CS and WR are low (write to chip). Type of data defined by A0
input.
I/O7 - I/O0
59, 58, 56, 55, 52,
51, 50, 49
I/O
1
SmartMedia data or other peripheral data
P0.7 - P0.0
59, 58, 56, 55, 52,
51, 50, 49
I/O
1
General-purpose I/O; can be programmed individually as input or
output.
CLAD3 - 0
59, 58, 56, 55
In
1
Optional bit clocks for digital audio input. Used for sampling rate
conversion for external incoming digital audio such as AES/BEU or
S/Pdif.
WSAD3 - 0
52, 51, 50, 49
In
1
Optional word selects for digital audio input. Used for sampling rate
conversion for external incoming digital audio such as AES/BEU or
S/Pdif.
A0
60
In
2
Slave 8-bit interface address. Indicates data/status or data/ctrl transfer
type (CS/RD, low or CS/WR low)
SMPD
60
In
2
SmartMedia presence detect
P0.10
60
In
2
General-purpose input pin
SCLK
60
In
2
Serial slave synchronous interface input clock
CS
64
In
3
Slave 8-bit interface chip select, active low.
P0.11
64
In
3
General-purpose input pin
SYNC
64
In
3
Serial slave synchronous interface input sync signal
WR
1
In
4
Slave 8-bit interface write, active low. D7 - D0 data is sampled by chip
on WR rising edge if CS is low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com