Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFLWARP11PL Datasheet(PDF) 9 Page - STMicroelectronics

Part # STFLWARP11PL
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFLWARP11PL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STFLWARP11PL Datasheet HTML 5Page - STMicroelectronics STFLWARP11PL Datasheet HTML 6Page - STMicroelectronics STFLWARP11PL Datasheet HTML 7Page - STMicroelectronics STFLWARP11PL Datasheet HTML 8Page - STMicroelectronics STFLWARP11PL Datasheet HTML 9Page - STMicroelectronics STFLWARP11PL Datasheet HTML 10Page - STMicroelectronics STFLWARP11PL Datasheet HTML 11Page - STMicroelectronics STFLWARP11PL Datasheet HTML 12Page - STMicroelectronics STFLWARP11PL Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Figure 7. Defuzzifier Structure
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Low Level Input Voltage
0.8
V
VIH
High Level Input Voltage
2.0
V
VOL
Low Level Output Voltage
0.2
0.4
V
VOH
High Level Output Voltage
2.4
3.4
V
IIL
Low Level Input Current
VI=VSS
+1
µA
IIH
High Level Input Current
VI=VDD
-1
µΑ
Table 6. DC Characteristics
ELECTRICAL SPECIFICATIONS
DC PARAMETRICS Across Temperature Range (T=0 to +70
°C unless otherwise specified) -
TTL INTERFACE
0.4V
2.4V
0.8V
2V
0.4V
2.4V
Input
Output
9/19
W.A.R.P.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com