Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFLWARP11PL Datasheet(PDF) 19 Page - STMicroelectronics

Part # STFLWARP11PL
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFLWARP11PL Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STFLWARP11PL Datasheet HTML 11Page - STMicroelectronics STFLWARP11PL Datasheet HTML 12Page - STMicroelectronics STFLWARP11PL Datasheet HTML 13Page - STMicroelectronics STFLWARP11PL Datasheet HTML 14Page - STMicroelectronics STFLWARP11PL Datasheet HTML 15Page - STMicroelectronics STFLWARP11PL Datasheet HTML 16Page - STMicroelectronics STFLWARP11PL Datasheet HTML 17Page - STMicroelectronics STFLWARP11PL Datasheet HTML 18Page - STMicroelectronics STFLWARP11PL Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1996 SGS-THOMSON Microelectronics – Printed in Italy – All Rights Reserved
FUZZYSTUDI O
™ is a trademark of SGS-THOMSON Microelectronics
MS-DOS
®
,Microsoft
®
and Microsoft Windows
®
are registered trademarks of Microsoft Corporation.
MATLAB
®
is a registered trademark of Mathworks Inc.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
Part Number
Maximum Frequency
Supply Voltage
Temperature Range
Package
STFLWARP11/PG
40 MHz
5
±5%
0
°Cto 70 °C
CPGA100
STFLWARP11/PL
40 MHz
5
±5%
0
°Cto 70 °C
PLCC84
Table 8. Ordering Information
Type
Device
Development Tools
FUZZYST UDIO
™
™ ADB
FUZZYSTUDIO
™
™ SDT
STFLSTUDIO10/KIT
STFLWARP11/PG
STFLWARP11/PL
W.A.R.P. 1.X
W.A.R.P. 1.X programmer
EPROM programmer
RS-232 communication handler
Internal Clock
Variables and Rules Editor
W.A.R.P. Compiler/Debugger
Exporter for ANSI C and MATLAB
®
Order Code
Description
Supported Target
Functionalities
System Requirement
STFLAFM10/SW
WTA-FAM for Building Rules
BACK-FAM for Building MFs
STFLWARP11/PG
STFLWARP11/PL
STFLWARP20/PL
ANSI C
MATLAB®
Rules Minimizer
Step-by-Step Simulation
Simulation from File
Local Tuning
MS-DOS 3.1or higher
Windows 3.0 or later
486, PENTIUM compatible
8 MB RAM
Functionsin dedicated memories in order to reduce
the computational time. Therefore a great amount
of W.A.R.P. processing is based on a look-up table
approach rather than on on-line calculation.
Those Membership Functions (MFs), each one
portrayed by a configurable resolution of 26 or 27
elements, are stored in four internal RAMs (1Kbyte
each). The consequent MFs, due to the different
modelling, are loaded in a single RAM by storing
for each MF its area and its barycentre. This is due
to the adoptionof the Center of Gravity defuzzifica-
tion method.
The downloading phase allows the setting of the
device, in terms of I/O number, universes of dis-
course and MF shapes. During this phase W.A.R.P.
prepares its internal memories for the on-line
elaboration phase and loads the microcode in its
program memory. This microcode, which drives the
on-line phase, is generated by the Compiler (see
W.A.R.P.-SDT User Manual) according to the
adopted configuration. The possible configurations
are shown in table 1.
During the on-line phase (up to 40MHz working
frequency), W.A.R.P. processes the input data and
produces its outputs according to the configuration
loaded in the downloading phase.
W.A.R.P. is conceived to work together with tradi-
tional microcontrollers which shall perform normal
control tasks while W.A.R.P. will be indipendently
responsible for all the fuzzy related computing.
W.A.R.P. is manufactured using the high perform-
ance, reliable HCMOS4T (O.7
µm) SGS-THOMSON
Microelectronics process.
19/19
W.A.R.P.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com