Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFLWARP11PL Datasheet(PDF) 18 Page - STMicroelectronics

Part # STFLWARP11PL
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFLWARP11PL Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STFLWARP11PL Datasheet HTML 11Page - STMicroelectronics STFLWARP11PL Datasheet HTML 12Page - STMicroelectronics STFLWARP11PL Datasheet HTML 13Page - STMicroelectronics STFLWARP11PL Datasheet HTML 14Page - STMicroelectronics STFLWARP11PL Datasheet HTML 15Page - STMicroelectronics STFLWARP11PL Datasheet HTML 16Page - STMicroelectronics STFLWARP11PL Datasheet HTML 17Page - STMicroelectronics STFLWARP11PL Datasheet HTML 18Page - STMicroelectronics STFLWARP11PL Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
PACKAGE DIMENSIONS
Dim.
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
33.58
1.332
B
17.78
0.700
C
2.24
0.088
c1
2.54
0.100
D
4.70
0.185
d1
1.40
0.055
d2
1.68
0.065
E
30.78
1.212
e
2.54
0.100
F
0.50
0.020
G
1.78
0.070
Figure 14. W.A.R.P. 100 Pin CPGA100 Ceramic Package
18/19
W.A.R.P.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com