Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFLWARP11PL Datasheet(PDF) 10 Page - STMicroelectronics

Part # STFLWARP11PL
Description  WEIGHT ASSOCIATIVE RULE PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFLWARP11PL Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STFLWARP11PL Datasheet HTML 6Page - STMicroelectronics STFLWARP11PL Datasheet HTML 7Page - STMicroelectronics STFLWARP11PL Datasheet HTML 8Page - STMicroelectronics STFLWARP11PL Datasheet HTML 9Page - STMicroelectronics STFLWARP11PL Datasheet HTML 10Page - STMicroelectronics STFLWARP11PL Datasheet HTML 11Page - STMicroelectronics STFLWARP11PL Datasheet HTML 12Page - STMicroelectronics STFLWARP11PL Datasheet HTML 13Page - STMicroelectronics STFLWARP11PL Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Symbol
Parameters
Test Conditions
CK=20MHz
Min
Max
CK=40MHz
Min
Max
Unit
tCP
Clock Period
50
25
ns
tCLH
Clock High
20
30 10
15
ns
tCLL
Clock Low
20
30 10
15
ns
tCR
Clock Rise
0.8V to 2V
4
4
ns
tCF
Clock Fall
2V to 0V
4
4
ns
tSET
Setup
12
12
ns
tHLD
Hold
15
15
ns
Table 7. AC Characteristics
DC PARAMETRICS
DC PARAMETRICS Across Temperature Range (T=0 to +70
°C unless otherwise specified
TTL INTERFACE
tCLL tCLH
50 %
50%
50 %
tSET
tHLD
Clock
Dat a
CP
t
10/19
W.A.R.P.1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com