Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C191C Datasheet(PDF) 7 Page - STMicroelectronics

Part # WS57C191C
Description  HIGH SPEED 2K x 8 CMOS PROM/RPROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C191C Datasheet(HTML) 7 Page - STMicroelectronics

  WS57C191C Datasheet HTML 1Page - STMicroelectronics WS57C191C Datasheet HTML 2Page - STMicroelectronics WS57C191C Datasheet HTML 3Page - STMicroelectronics WS57C191C Datasheet HTML 4Page - STMicroelectronics WS57C191C Datasheet HTML 5Page - STMicroelectronics WS57C191C Datasheet HTML 6Page - STMicroelectronics WS57C191C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ORDERING INFORMATION
SPEED
PACKAGE
PACKAGE
OPERATING
WSI
PART NUMBER
(ns)
TYPE
DRAWING
TEMPERATURE MANUFACTURING
RANGE
PROCEDURE
WS57C191C
WS57C191C-25D
25
24 Pin CERDIP, 0.6"
D1
Comm’l
Standard
WS57C191C-25J
25
28 Pin PLDCC
J3
Comm’l
Standard
WS57C191C-25P
25
24 Pin Plastic DIP, 0.6"
P2
Comm’l
Standard
WS57C191C-35D
35
24 Pin CERDIP, 0.6"
D1
Comm’l
Standard
WS57C191C-35J
35
28 Pin PLDCC
J3
Comm’l
Standard
WS57C191C-35P
35
24 Pin Plastic DIP, 0.6"
P2
Comm’l
Standard
WS57C191C-45D
45
24 Pin CERDIP, 0.6"
D1
Comm’l
Standard
WS57C191C-45DI
45
24 Pin CERDIP, 0.6"
D1
Industrial
Standard
WS57C191C-45DMB
*
45
24 Pin CERDIP, 0.6"
D1
Military
MIL-STD-883C
WS57C191C-45J
45
28 Pin PLDCC
J3
Comm’l
Standard
WS57C191C-45P
45
24 Pin Plastic DIP, 0.6"
P2
Comm'l
Standard
WS57C191C-55D
55
24 Pin CERDIP, 0.6"
D1
Comm’l
Standard
WS57C191C-55DMB
*
55
24 Pin CERDIP, 0.6"
D1
Military
MIL-STD-883C
WS57C291C
WS57C291C-25S
25
24 Pin Plastic DIP, 0.3"
S1
Comm'l
Standard
WS57C291C-25T
25
24 Pin CERDIP, 0.3"
T1
Comm’l
Standard
WS57C291C-35S
35
24 Pin Plastic DIP, 0.3"
S1
Comm'l
Standard
WS57C291C-35T
35
24 Pin CERDIP, 0.3"
T1
Comm’l
Standard
WS57C291C-35TMB
*
35
24 Pin CERDIP, 0.3"
T1
Military
MIL-STD-883C
WS57C291C-45S
45
24 Pin Plastic DIP, 0.3"
S1
Comm'l
Standard
WS57C291C-45T
45
24 Pin CERDIP, 0.3"
T1
Comm'l
Standard
WS57C291C-45TI
45
24 Pin CERDIP, 0.3"
T1
Industrial
Standard
WS57C291C-45TMB
*
45
24 Pin CERDIP, 0.3"
T1
Military
MIL-STD-883C
WS57C291C-55T
55
24 Pin CERDIP, 0.3"
T1
Comm’l
Standard
WS57C291C-55TMB
*
55
24 Pin CERDIP, 0.3"
T1
Military
MIL-STD-883C
2-13
WS57C191C/291C
PROGRAMMING/ALGORITHMS/ERASURE/PROGRAMMERS
REFER TO
PAGE 5-1
NOTE: 9. The actual part marking will not include the initials "WS."
*SMD product. See section 4 for DESC SMD number.
The WS57C191C and WS57C291C are programmed using Algorithm D shown on page 5-9.
Return to Main Menu



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com