Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C191C Datasheet(PDF) 2 Page - STMicroelectronics

Part # WS57C191C
Description  HIGH SPEED 2K x 8 CMOS PROM/RPROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C191C Datasheet(HTML) 2 Page - STMicroelectronics

  WS57C191C Datasheet HTML 1Page - STMicroelectronics WS57C191C Datasheet HTML 2Page - STMicroelectronics WS57C191C Datasheet HTML 3Page - STMicroelectronics WS57C191C Datasheet HTML 4Page - STMicroelectronics WS57C191C Datasheet HTML 5Page - STMicroelectronics WS57C191C Datasheet HTML 6Page - STMicroelectronics WS57C191C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DC READ CHARACTERISTICS Over Operating Range. (See Above)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNITS
VIL
Input Low Voltage
(Note 3)
–0.1
0.8
V
VIH
Input High Voltage
(Note 3)
2.0
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 16 mA
0.4
V
VOH
Output High Voltage
IOH = –4 mA
2.4
V
VCC Active Current
VCC = 5.5V, f = 0 MHz
Comm'l
30
mA
ICC1
(CMOS)
(Note 1), Output Not Loaded
Industrial
35
mA
Add 2mA/MHz for AC Operation
Military
35
mA
VCC Active Current
VCC = 5.5V, f = 0 MHz
Comm'l
40
mA
ICC2
(TTL)
(Note 2), Output Not Loaded
Industrial
50
mA
Add 2mA/MHz for AC Operation
Military
50
mA
ILI
Input Leakage
Current
VIN = 5.5V or Gnd
–10
10
µA
ILO
Output Leakage
Current
VOUT = 5.5 V or Gnd
–10
10
µA
WS57C191C/291C
2-8
OPERATING RANGE
RANGE
TEMPERATURE
VCC
Commercial
0°C to +70°C
+5V ± 10%
Industrial
–40°C to +85°C
+5V ± 10%
Military
–55°C to +125°C
+5V ± 10%
ABSOLUTE MAXIMUM RATINGS*
Storage Temperature............................–65° to + 150°C
Voltage on any Pin with
Respect to Ground ....................................–0.6V to +7V
VPP with Respect to Ground...................–0.6V to + 14V
ESD Protection ..................................................
>2000V
NOTES:
1. CMOS inputs: GND ± 0.3V or VCC ± 0.3V.
2. TTL inputs: VIL ≤ 0.8V, VIH ≥ 2.0V.
3. These are absolute voltages with respect to device ground pin and include all overshoots due to system and/or tester noise.
Do not attempt to test these values without suitable equipment.
*NOTICE:
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of
time may affect device reliability.
PINS
CS1/
CS2 CS3
VCC OUTPUTS
MODE
VPP
Read
VIL
VIH
VIH VCC
DOUT
Output Disable
VIH
XX
VCC
High Z
Output Disable
X
VIL
XVCC
High Z
Program
VPP
XX
VCC
DIN
Program Verify
VIL
VIH
VIH VCC
DOUT
Output Disable
X
X
VIL
VCC
High Z
MODE SELECTION



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com