Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C191C Datasheet(PDF) 6 Page - STMicroelectronics

Part # WS57C191C
Description  HIGH SPEED 2K x 8 CMOS PROM/RPROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C191C Datasheet(HTML) 6 Page - STMicroelectronics

  WS57C191C Datasheet HTML 1Page - STMicroelectronics WS57C191C Datasheet HTML 2Page - STMicroelectronics WS57C191C Datasheet HTML 3Page - STMicroelectronics WS57C191C Datasheet HTML 4Page - STMicroelectronics WS57C191C Datasheet HTML 5Page - STMicroelectronics WS57C191C Datasheet HTML 6Page - STMicroelectronics WS57C191C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PROGRAMMING INFORMATION
DC CHARACTERISTICS (T
A = 25 ± 5°C, VCC = 6.25 V ± 0.25 V, VPP = 12.75 ± 0.25 V)
SYMBOLS
PARAMETER
MIN
MAX
UNITS
ILI
Input Leakage Current
–10
10
µA
(VIN = VCC or Gnd)
IPP
VPP Supply Current During
60
mA
Programming Pulse
ICC
VCC Supply Current
25
mA
VOL
Output Low Voltage During Verify
0.45
V
(IOL = 16 mA)
VOH
Output High Voltage During Verify
2.4
V
(IOH = –4 mA)
WS57C191C/291C
2-12
SYMBOLS
PARAMETER
MIN
TYP
MAX
UNITS
tAS
Address Setup Time
2
µs
tDF
Chip Disable Setup Time
30
ns
tDS
Data Setup Time
2
µs
tPW
Program Pulse Width
100
200
µs
tDH
Data Hold Time
2
µs
tCS
Chip Select Delay
30
ns
tRF
VPP Rise and Fall Time
1
µs
NOTES: 8. VPP must not be greater than 13 volts including overshoot.
AC CHARACTERISTICS (T
A = 25 ± 5°C, VCC = 6.25 V ± 0.25 V, VPP = 12.75 ± 0.25 V)
PROGRAMMING WAVEFORM
ADDRESS STABLE
ADDRESSES
VIH
VIL
VPP
VIH
VIH
VIL
VIL
CS1/VPP
DATA
tAS
tDF
tDS
tPW
tDH
tCS
tRF
tRF
DATA OUT
DATA IN
DON'T CARE
CS2/CS3
VIH
VIL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com