Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS57C191C Datasheet(PDF) 1 Page - STMicroelectronics

Part # WS57C191C
Description  HIGH SPEED 2K x 8 CMOS PROM/RPROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C191C Datasheet(HTML) 1 Page - STMicroelectronics

  WS57C191C Datasheet HTML 1Page - STMicroelectronics WS57C191C Datasheet HTML 2Page - STMicroelectronics WS57C191C Datasheet HTML 3Page - STMicroelectronics WS57C191C Datasheet HTML 4Page - STMicroelectronics WS57C191C Datasheet HTML 5Page - STMicroelectronics WS57C191C Datasheet HTML 6Page - STMicroelectronics WS57C191C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT SELECTION GUIDE
PARAMETER
191C/291C-25
191C/291C-35
191C/291C-45
191C/291C-55
Address Access Time (Max)
25 ns
35 ns
45 ns
55 ns
CS to Output Valid Time (Max)
12 ns
20 ns
20 ns
20 ns
HIGH SPEED 2K x 8 CMOS PROM/RPROM
KEY FEATURES
Ultra-Fast Access Time
Pin Compatible with Am27S191/291
— tACC = 25 ns
and N82S191 Bipolar PROMs
—tCS = 12 ns
Immune to Latch-UP
Low Power Consumption
— Up to 200 mA
Fast Programming
ESD Protection Exceeds 2000V
Available in 300 Mil DIP and PLDCC
GENERAL DESCRIPTION
The WS57C191C/291C is an extremely High Performance 16K UV Erasable Electrically Re-Programmable Read
Only Memory (RPROM). It is manufactured in an advanced CMOS technology which enables it to operate at Bipolar
PROM speeds while consuming only 25% of the power required by its Bipolar counterparts. The WS57C191C/291C
is also configured in the standard Bipolar PROM pinout which provides an easy upgrade path for systems which are
currently using Bipolar PROMs.
The WS57C191C is packaged in a conventional 600 mil DIP package as well as a Plastic Leaded Chip Carrier
(PLDCC) and a Ceramic Leadless Chip Carrier (CLLCC). The WS57C291C is packaged in a space saving 300 mil
DIP package configuration. Both are available in commercial, industrial, and military operating temperature ranges.
WS57C191C/291C
VCC
A8
A9
A10
CS1/VPP
CS2
CS3
O7
O6
O5
O4
O3
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
A10
CS1/VPP
CS2
CS3
NC
O7
O6
A5 A6 A7
VCC A8 A9
NC
A4
A3
A2
A1
A0
NC
O0
O1 O2
NC O3 O4 O5
GND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1
43
2
28 27 26
25
24
23
22
21
20
19
5
6
7
8
9
10
11
12 13 14 15 16 17 18
TOP VIEW
Chip Carrier
CERDIP/Plastic DIP
PIN CONFIGURATION
2-7
ROW
DECODER
EPROM ARRAY
16,384 BITS
COLUMN
DECODER
SENSE
AMPLIFIERS
8
CS2
CS3
OUTPUTS
CS1/ VPP
A0 - A4
COLUMN
ADDRESSES
A5 - A10
ROW
ADDRESSES
6
5
BLOCK DIAGRAM
Return to Main Menu


Similar Part No. - WS57C191C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C-35 STMICROELECTRONICS-WS57C191C-35 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C-35DMB STMICROELECTRONICS-WS57C191C-35DMB Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C-45 STMICROELECTRONICS-WS57C191C-45 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
More results

Similar Description - WS57C191C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C43C STMICROELECTRONICS-WS57C43C Datasheet
53Kb / 7P
HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C49C-1 STMICROELECTRONICS-WS57C49C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C49C STMICROELECTRONICS-WS57C49C Datasheet
52Kb / 7P
HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C51C-1 STMICROELECTRONICS-WS57C51C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C51C STMICROELECTRONICS-WS57C51C Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C71C STMICROELECTRONICS-WS57C71C Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57LV291C STMICROELECTRONICS-WS57LV291C Datasheet
47Kb / 6P
HIGH SPEED 3.3 VOLT 2K x 8 CMOS PROM/RPROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com