| Electronic Components Datasheet Search |
|
AT91SAM9261 Datasheet(PDF) 37 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM9261 Datasheet(HTML) 37 Page - ATMEL Corporation |
|
37 / 43 page ![]() 37 6062KS–ATARM–15-Jan-09 AT91SAM9261 Preliminary • Test Modes – Remote Loopback, Local Loopback, Automatic Echo 10.10 Synchronous Serial Controller • Provides serial synchronous communication links used in audio and telecom applications (with CODECs in Master or Slave Modes, I 2S, TDM Buses, Magnetic Card Reader and more). • Contains an independent receiver and transmitter and a common clock divider. • Offers a configurable frame sync and data length. • Receiver and transmitter can be programmed to start automatically or on detection of different event on the frame sync signal. • Receiver and transmitter include a data signal, a clock signal and a frame synchronization signal. 10.11 Timer Counter • Three 16-bit Timer Counter Channels • Wide range of functions including: – Frequency Measurement – Event Counting – Interval Measurement – Pulse Generation –Delay Timing – Pulse Width Modulation – Up/down Capabilities • Each channel is user-configurable and contains: – Three external clock inputs – Five internal clock inputs – Two multi-purpose input/output signals • Two global registers that act on all three TC Channels 10.12 Multimedia Card Interface • Compatibility with MultiMedia Card Specification Version 2.2 • Compatibility with SD Memory Card Specification Version 1.0 • Cards clock rate up to Master Clock divided by 2 • Embedded power management to slow down clock rate when not used • Each MCI has two slots, each supporting – One slot for one MultiMedia Card bus (up to 30 cards) or – One SD Memory Card • Support for stream, block and multi-block data read and write |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |