Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9261 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT91SAM9261
Description  AT91 ARM Thumb-based Microcontrollers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT91SAM9261 Datasheet HTML 35Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 36Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 37Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 38Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 39Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 40Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 41Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 42Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 43Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
42
6062KS–ATARM–15-Jan-09
AT91SAM9261 Preliminary
6062DS
Corrected MIPS and speed on page 1.
2292
Added information on EBI NCS0 hwhen BMS = 0 in Table 8-3, “Internal Memory Mapping,” on page 18.
6062ES
2946
Updated information on JTAGSEL in Section 3-1 “Signal Description by Peripheral” on page 5 and in
Section 6.1 “JTAG Port Pins” on page 11.
2475
Reformatted Section 8. “Memories” on page 16. Inserted new Figure 8-1, “AT91SAM9261 Memory
Mapping,” on page 16 to show full product memory mapping.
2474
Removed information on Timer Counter clock assignments in Section 10.11 “Timer Counter” on page
37.
2480
Inserted new Section 8.1.2 “Boot Strategies” on page 20 to replace Boot ROM section.
6062FS
3068
Changed pin name for ball D9 to SHDN in Table 4-1, “AT91SAM9261 Pinout for 217-ball LFBGA
Package (1),” on page 10.
3147
Updated information on shutdown pin in Section 6.5 “Shutdown Logic Pins” on page 12.
3067
Updated peripheral mnemonics in Figure 8-1, “AT91SAM9261 Memory Mapping,” on page 16.
3503
Added note to Table 10-1, “Peripheral Identifiers,” on page 28.
6062GS
3660, 3695
Updated VDDOSC, VDDPLL and VDDIOM ranges in”Features”, Table 3-1, “Signal Description by
Peripheral,” on page 5 and Section 5.2 “Power Consumption” on page 11.
3660
Added ROM to Figure 8-1, “AT91SAM9261 Memory Mapping,” on page 16.
6062HS
3491
Updated Section 9.6 “Power Management Controller” on page 25 and Figure 9-3, “Power Management
Controller Block Diagram,” on page 25.
Added Section 11. “Package Drawing” on page 39.
6062IS
5042
Table 10-4, “Multiplexing on PIO Controller C,” on page 33,
PCO - PC7 and PC12-PC13 power supplies are VDDIOP not VDDIOM.
Table 10-2, “Multiplexing on PIO Controller A,” on page 31
PA30-PA31 power supplies are VDDIOP not VDDIOM
5027
rfo
Section 8.1.2 “Boot Strategies”, removed sentence pertaining to “remap”
Section 8.1.2.1 “BMS = 1, Boot on Embedded ROM”, added NANDFlash Boot.
4965
Section 5.1 “Power Supplies”, startup voltage slope requirements for VDDCORE and VDDBU added.
4844
Table 10-3, “Multiplexing on PIO Controller B,” on page 32, Note added to “PB3” comments
4835
Figure 9-3, “Power Management Controller Block Diagram,” on page 25, in the master memory
controller representation, the divider has been updated.
4241
Table 4-1 on page 10,
PCO - PC7, PC8 - PC11, PC12 - PC15 power supplies are VDDIOP not VDDIOM.
6062JS
5250
Section 5.2 “Power Consumption”, startup voltage slope requirements for VDDCORE and VDDBU
removed.
5248
In Features, on page 2: Required Power Supply updated, 3.0V to 3.6V for VDDOSC and for VDDPLL
6062KS
5846
5932
In Features, on page 2
Debug Unit (DBGU) updated
Section 10.9 “USART”, manchester encoding option is not avaiilable.
Table 13-1.
Revision History (Continued)
Doc.
Rev.
Source
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com