Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F71882FG Datasheet(PDF) 49 Page - Feature Integration Technology Inc.

Part # F71882FG
Description  Super Hardware Monitor LPC I/O
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71882FG Datasheet(HTML) 49 Page - Feature Integration Technology Inc.

Back Button F71882FG Datasheet HTML 45Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 46Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 47Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 48Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 49Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 50Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 51Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 52Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 53Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
May, 2008
V0.28P
-43-
F71882
Linear auto mode
Otherwise, F71882 supports linear auto mode. Below has two examples to describe this
mode. More detail, please refer the register description.
A. Linear auto mode (PWM Duty I)
Set temperature as 70°C, 60°C, 50°C, 40°C and Duty as 100%, 70%, 60%, 50%, 40%
100%
70%
60%
50%
40%
70 Degree C
60 Degree C
50 Degree C
40 Degree C
ab
c
d
hysteresis 65 Degree C
Temp.
Fan Speed
PWM duty
a. Once temp. is under 40°C, the lowest fan speed keeps 40% PWM duty
b. Once temp. is over 40°C,50°C,60°C, the fan speed will vary from 40% to 70% PWM duty
and linearly increase with temp. variation. The temp.-fan speed monitoring and flash
interval is 1sec.
c. Once temp. goes over 70°C, fan speed will directly increase to 100% PWM duty (full
speed)
d. If set the hysteresis as 5°C(default is 4°C), once temp reduces under 65°C (not 70°C),
fan speed reduces from 100% PWM duty and decrease linearly with temp..
B. Linear auto mode (RPM%)
Set temperature as 70°C, 60°C, 50°C, 40°C and if full speed is 6000RPM, setting 100%,
70%, 60%, 50%, 40% of full speed.
6000RPM
70%(4200RPM)
60%(3600RPM)
50%(3000RPM)
40%(2400RPM)
70 Degree C
60 Degree C
50 Degree C
40 Degree C
ab
c
d
hysteresis 65 Degree C
Temp.
Fan Speed
a. Once temp. is under 40°C, the lowest fan speed keeps 40% of full speed (2400RPM)
b. Once temp. is over 40°C,50°C,60°C, the fan speed will vary from 40% to 70% of full



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com