Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F71882FG Datasheet(PDF) 9 Page - Feature Integration Technology Inc.

Part # F71882FG
Description  Super Hardware Monitor LPC I/O
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71882FG Datasheet(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F71882FG Datasheet HTML 5Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 6Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 7Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 8Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 9Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 10Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 11Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 12Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
May, 2008
V0.28P
-3-
F71882
Software compatibility with the 8042
Support PS/2 mouse
Support both interrupt and polling modes
Fast Gate A20 and Hardware Keyboard Reset
6 MHz, 8 MHz, 12 MHz, or 16 MHz operating frequency
Hardware Monitor Functions
3 dual current type (
±3℃) thermal inputs for CPU thermal diode and 2N3906 transistors
Temperature range -20℃~145
(One
℃
is from -20~127 ,
℃
others are from 0~ 145℃)
9 sets voltage monitoring (6 external and 3 internal powers)
High limit signal (SMI#) for Vcore level
4 fan speed monitoring inputs
4 fan speed PWM/DC control outputs(support 3 wire and 4 wire fans)
Issue PME# and OVT# hardware signals output
Case intrusion detection circuit
WATCHDOG# comparison of all monitored values
Support AMDSI interface
Serial Peripheral Interface Compatible
Support SPI bridge function for BIOS use
Support Back Up BIOS function
Integrate AMD SI Interface
Integrate Intel PECI/SST Interface
Package
128-pin PQFP Green Package
Noted: Patented TW207103 TW207104 TW220442 US6788131 B1 TWI235231 TW237183 TWI263778
CN ZL 2004 1 0043269.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com