Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F71882FG Datasheet(PDF) 21 Page - Feature Integration Technology Inc.

Part # F71882FG
Description  Super Hardware Monitor LPC I/O
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71882FG Datasheet(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F71882FG Datasheet HTML 17Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 18Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 19Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 20Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 21Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 22Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 23Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 24Page - Feature Integration Technology Inc. F71882FG Datasheet HTML 25Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
May, 2008
V0.28P
-15-
F71882
Status Register A (PS/2 mode)
 Base + 0
Bit
Name
R/W Default
Description
7
INTPEND
R
0
This bit indicates the state of the interrupt output.
6
DRV2_N
R
-
0: a second drive has been installed.
1: a second drive has not been installed.
5
STEP
R
0
This bit indicates the complement of STEP# disk interface output.
4
TRK0_N
R
-
This bit indicates the state of TRK0# disk interface input.
3
HDSEL
R
0
This bit indicates the complement of HDSEL# disk interface output.
0: side 0.
1: side 1.
2
INDEX_N
R
-
This bit indicates the state of INDEX# disk interface input.
1
WPT_N
R
-
This bit indicates the state of WPT# disk interface input.
0: disk is write-protected.
1: disk is not write-protected.
0
DIR
R
0
This bit indicates the complement of DIR# disk interface output.
Status Register A (Model 30 mode)
 Base + 0
Bit
Name
R/W Default
Description
7
INTPEND
R
0
This bit indicates the state of the interrupt output.
6
DRQ
R
0
This bit indicates the state of the DRQ signal.
5
STEP_FF
R
0
This bit indicates the complement of latched STEP# disk interface output.
4
TRK0
R
-
This bit indicates the complement of TRK0# disk interface input.
3
HDSEL_N
R
1
This bit indicates the state of HDSEL# disk interface output.
0: side 0.
1: side 1.
2
INDEX
R
-
This bit indicates the complement of INDEX# disk interface input.
1
WPT
R
-
This bit indicates the complement of WPT# disk interface input.
0: disk is write-protected.
1: disk is not write-protected.
0
DIR_N
R
1
This bit indicates the state of DIR# disk interface output.
0: head moves in inward direction.
1: head moves in outward direction.
Status Register B (PS/2 Mode)
 Base + 1
Bit
Name
R/W Default
Description
7-6 Reserved
R
11
Reserved. Return 11b when read.
5
DR0
R
0
Drive select 0. This bit reflects the bit 0 of Digital Output Register.
4
WDATA
R
0
This bit changes state at every rising edge of WDATA#.
3
RDATA
R
0
This bit changes state at every rising edge of RDATA#.
2
WGATE
R
0
This bit indicates the complement of WGATE# disk interface output.
1
MOTEN1
R
0
This bit indicates the complement of MOB# disk interface output. Not support
in this design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com