Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6419CD02ML Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC6419CD02ML
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419CD02ML Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC6419CD02ML Datasheet HTML 8Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 9Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 10Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 11Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 12Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 13Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 14Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 15Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12/29
XC6419 Series
(1) 出力電圧-出力電流特性例
(2) 出力電圧-入力電圧特性例
XC6419(VOUT1=0.8V) VR1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
InputVoltage : VIN (V)
IOUT1=1mA
IOUT1=10mA
IOUT1=30mA
IOUT1=100mA
Ta=25℃, CIN=1.0μF(ceramic), CL1=2.2μF(ceramic)
XC6419(VOUT1=0.8V) VR1
0.65
0.70
0.75
0.80
0.85
0.90
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
InputVoltage : VIN (V)
IOUT1=1mA
IOUT1=10mA
IOUT1=30mA
IOUT1=100mA
Ta=25℃, CIN=1.0μF(ceramic), CL1=2.2μF(ceramic)
XC6419(VOUT2=0.8V) VR2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
InputVoltage : VIN (V)
IOUT2=1mA
IOUT2=10mA
IOUT2=30mA
Ta=25℃, CIN=1.0μF(ceramic), CL2=2.2μF(ceramic)
XC6419(VOUT1=5.0V) VR1
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
100
200
300
400
500
OutputCurrent : IOUT1 (mA)
VIN=5.1V
VIN=5.3V
VIN=5.5V
VIN=6.0V
Ta=25℃, CIN=1.0μF(ceramic), CL1=1.0μF(ceramic)
XC6419(VOUT2=5.0V) VR2
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
25
50
75
100 125 150 175 200
OutputCurrent : IOUT2 (mA)
VIN=5.1V
VIN=5.3V
VIN=5.5V
VIN=6.0V
Ta=25℃, CIN=1.0μF(ceramic), CL2=1.0μF(ceramic)
XC6419(VOUT2=0.8V) VR2
0.65
0.70
0.75
0.80
0.85
0.90
1.52.0
2.53.0
3.54.0
4.55.0
5.56.0
InputVoltage : VIN (V)
IOUT2=1mA
IOUT2=10mA
IOUT2=30mA
Ta=25℃, CIN=1.0μF(ceramic), CL2=2.2μF(ceramic)
(1) Output Voltage vs. Output Current (Continued)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com