Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6419CD02ML Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6419CD02ML
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419CD02ML Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6419CD02ML Datasheet HTML 15Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 16Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 17Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 18Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 19Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 20Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 21Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 22Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
19/29
XC6419
Series
(6) 消費電流-周囲温度特性例
(7) EN閾値電圧-周囲温度特性例
XC6419 VR1
0
10
20
30
40
50
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
VOUT1=0.8V
VOUT1=1.5V
VOUT1=2.8V
VOUT1=5.0V
VIN=VOUT1+1.0V
XC6419
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
EN"H"LEVEL
EN"L"LEVEL
XC6419 VR2
0
10
20
30
40
50
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
VOUT2=0.8V
VOUT2=1.5V
VOUT2=2.8V
VOUT2=5.0V
VIN=VOUT2+1.0V
(6) Supply Current vs. Ambient Temperature
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) EN Threshold Voltage vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com