Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6419CD02ML Datasheet(PDF) 25 Page - Torex Semiconductor

Part # XC6419CD02ML
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419CD02ML Datasheet(HTML) 25 Page - Torex Semiconductor

Back Button XC6419CD02ML Datasheet HTML 21Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 22Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 23Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 24Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 25Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 26Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 27Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 28Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 29Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
25/29
XC6419
Series
(12) リップル除去率特性例
XC6419(VOUT1=1.5V) VR1
0
20
40
60
80
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
IOUT1=0.1mA
IOUT1=1mA
IOUT1=30mA
IOUT1=100mA
Ta=25℃, VIN=2.5V+0.5Vp-pAC, CL1=1.0μF(ceramic)
XC6419(VOUT1=2.8V) VR1
0
20
40
60
80
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
IOUT1=0.1mA
IOUT1=1mA
IOUT1=30mA
IOUT1=100mA
Ta=25℃, VIN=3.8V+0.5Vp-pAC, CL1=1.0μF(ceramic)
XC6419(VOUT1=5.0V) VR1
0
20
40
60
80
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
IOUT1=0.1mA
IOUT1=1mA
IOUT1=30mA
IOUT1=100mA
Ta=25℃, VIN=5.75V+0.5Vp-pAC, CL1=1.0μF(ceramic)
XC6419(VOUT2=1.5V) VR2
0
20
40
60
80
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
IOUT2=0.1mA
IOUT2=1mA
IOUT2=30mA
Ta=25℃, VIN=2.5V+0.5Vp-pAC, CL2=1.0μF(ceramic)
XC6419(VOUT2=2.8V) VR2
0
20
40
60
80
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
IOUT2=0.1mA
IOUT2=1mA
IOUT2=30mA
Ta=25℃, VIN=3.8V+0.5Vp-pAC, CL2=1.0μF(ceramic)
XC6419(VOUT2=5.0V) VR2
0
20
40
60
80
0.01
0.1
1
10
100
Ripple Frequency : f (kHz)
IOUT2=0.1mA
IOUT2=1mA
IOUT2=30mA
Ta=25℃, VIN=5.75V+0.5Vp-pAC, CL2=1.0μF(ceramic)
(12) Ripple Rejection Rate (Continued)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com