Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6419CD02ML Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XC6419CD02ML
Description  Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419CD02ML Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC6419CD02ML Datasheet HTML 14Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 15Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 16Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 17Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 18Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 19Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 20Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 21Page - Torex Semiconductor XC6419CD02ML Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
18/29
XC6419 Series
(5) 出力電圧-周囲温度特性例
XC6419(VOUT1=1.5V) VR1
1.40
1.45
1.50
1.55
1.60
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
IOUT1=1mA
IOUT1=10mA
IOUT1=30mA
IOUT1=100mA
VIN=2.5V, CIN=1.0μF(ceramic), CL1=1.0μF(ceramic)
XC6419(VOUT1=5.0V) VR1
4.80
4.90
5.00
5.10
5.20
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
IOUT1=1mA
IOUT1=10mA
IOUT1=30mA
IOUT1=100mA
VIN=6.0V, CIN=1.0μF(ceramic), CL1=1.0μF(ceramic)
XC6419(VOUT1=2.8V) VR1
2.70
2.75
2.80
2.85
2.90
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
IOUT1=1mA
IOUT1=10mA
IOUT1=30mA
IOUT1=100mA
VIN=3.8V, CIN=1.0μF(ceramic), CL1=1.0μF(ceramic)
XC6419(VOUT2=1.5V) VR2
1.40
1.45
1.50
1.55
1.60
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
IOUT2=1mA
IOUT2=10mA
IOUT2=30mA
VIN=2.5V, CIN=1.0μF(ceramic), CL2=1.0μF(ceramic)
XC6419(VOUT2=5.0V) VR2
4.80
4.90
5.00
5.10
5.20
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
IOUT2=1mA
IOUT2=10mA
IOUT2=30mA
VIN=6.0V, CIN=1.0μF(ceramic), CL2=1.0μF(ceramic)
XC6419(VOUT2=2.8V) VR2
2.70
2.75
2.80
2.85
2.90
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
IOUT2=1mA
IOUT2=10mA
IOUT2=30mA
VIN=3.8V, CIN=1.0μF(ceramic), CL2=1.0μF(ceramic)
(5) Output Voltage vs. Ambient Temperature (Continued)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com