Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1801CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1801CS8
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1801CS8 Datasheet HTML 5Page - Linear Technology LT1801CS8 Datasheet HTML 6Page - Linear Technology LT1801CS8 Datasheet HTML 7Page - Linear Technology LT1801CS8 Datasheet HTML 8Page - Linear Technology LT1801CS8 Datasheet HTML 9Page - Linear Technology LT1801CS8 Datasheet HTML 10Page - Linear Technology LT1801CS8 Datasheet HTML 11Page - Linear Technology LT1801CS8 Datasheet HTML 12Page - Linear Technology LT1801CS8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1801/LT1802
18012fb
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Offset Voltage
vs Input Common Mode Voltage
Input Bias Current
vs Common Mode Voltage
Input Bias Current
vs Temperature
Output Saturation Voltage
vs Load Current (Output Low)
VOS Distribution, VCM = 0V
(PNP Stage)
VOS Distribution, VCM = 5V
(NPN Stage)
INPUT OFFSET VOLTAGE (
µV)
–250
0
5
15
20
25
50
150
35
18012 G01
10
–150
–50
250
30
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (
µV)
–2000
0
5
15
20
25
400
1200
45
18012 G02
10
–1200
–400
2000
30
35
40
VS = 5V, 0V
VCM = 5V
TOTAL SUPPLY VOLTAGE (V)
1
0
3
12
18012 G03
0
3579 10
2468
11
4
2
1
TA = 125°C
TA = 25°C
TA = –55°C
PER AMPLIFIER
INPUT COMMON MODE VOLTAGE (V)
0
100
300
500
4
18012 G04
–100
–300
0
200
400
–200
–400
–500
1
2
3
5
VS = 5V, 0V
TYPICAL PART
TA = –55°C
TA = 125°C
TA = 25°C
INPUT COMMON MODE VOLTAGE (V)
–1
0.2
0.6
1.0
4
18012 G05
–0.2
–0.6
0
0.4
0.8
–0.4
–0.8
–1.0
0
1
23
5
6
VS = 5V, 0V
TA = 25°C
TA = 125°C
TA = –55°C
TEMPERATURE (
°C)
–60
–0.1
0
0.2
0.3
0.4
40
60
80
0.8
18012 G06
0.1
–40
–20
0
20
0.5
0.6
0.7
NPN ACTIVE
VS = 5V, 0V
VCM = 5V
PNP ACTIVE
VS = 5V, 0V
VCM = 1V
LOAD CURRENT (mA)
0.01
0.1
0.001
0.1
10
1
10
100
18012 G07
0.01
1
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
Output Saturation Voltage
vs Load Current (Output High)
LOAD CURRENT (mA)
0.01
0.1
0.001
0.1
10
1
10
100
18012 G08
0.01
1
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com