Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1801CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1801CS8
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1801CS8 Datasheet HTML 7Page - Linear Technology LT1801CS8 Datasheet HTML 8Page - Linear Technology LT1801CS8 Datasheet HTML 9Page - Linear Technology LT1801CS8 Datasheet HTML 10Page - Linear Technology LT1801CS8 Datasheet HTML 11Page - Linear Technology LT1801CS8 Datasheet HTML 12Page - Linear Technology LT1801CS8 Datasheet HTML 13Page - Linear Technology LT1801CS8 Datasheet HTML 14Page - Linear Technology LT1801CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1801/LT1802
18012fb
TYPICAL PERFOR A CE CHARACTERISTICS
Gain Bandwidth and Phase
Margin vs Supply Voltage
Gain Bandwidth and Phase
Margin vs Temperature
Slew Rate vs Temperature
Gain and Phase vs Frequency
Gain vs Frequency (AV = 1)
Gain vs Frequency (AV = 2)
TOTAL SUPPLY VOLTAGE (V)
0
100
90
80
70
60
60
50
40
30
20
8
18012 G19
246
10
7
135
9
GAIN BANDWIDTH
PRODUCT
PHASE MARGIN
TA = 25°C
TEMPERATURE (
°C)
–55
50
100
70
–15
25
45
125
18012 G20
80
90
60
10
20
40
50
60
30
–35
5
65
85 105
GBW PRODUCT
VS = ±2.5V
PHASE MARGIN
VS = ±2.5V
PHASE MARGIN
VS = ±5V
GBW PRODUCT
VS = ±5V
TEMPERATURE (
°C)
–55
10
15
25
30
35
–15
25
45
125
18012 G21
20
–35
5
65
85 105
AV = –1
RF = RG = 1k
RL = 1k
VS = ±2.5V
VS = ±5V
FREQUENCY (MHz)
0.01
10
20
30
40
50
0.1
1
10
100 300
18012 G22
0–40
–10
–20
–30
60
70
–20
0
20
40
60
–60
–80
–100
80
100
VS = ±2.5V
VS = ±5V
PHASE
GAIN
FREQUENCY (MHz)
–6
0
3
9
12
0.1
10
100
300
18012 G23
–12
1
6
–3
–9
RL = 1k
CL = 10pF
AV = 1
VS = ±5V
VS = ±2.5V
FREQUENCY (MHz)
0
6
9
15
18
0.1
10
100
300
18012 G24
–6
1
12
3
–3
RL = 1k
CL = 10pF
AV = 2
VS = ±5V
VS = ±2.5V
0.1Hz to 10Hz Input Voltage Noise
Input Current Noise vs Frequency
FREQUENCY (kHz)
1.0
2.0
3.0
0.5
1.5
2.5
0.01
1
10
100
18012 G17
0
0.1
VS = 5V, 0V
NPN ACTIVE
VCM = 4.25V
PNP ACTIVE
VCM = 2.5V
TIME (SECONDS)
0
2000
1000
0
–1000
–2000
8
18012 G18
246
10
7
135
9
VS = 5V, 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com