Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1801CS8 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1801CS8
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801CS8 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1801CS8 Datasheet HTML 12Page - Linear Technology LT1801CS8 Datasheet HTML 13Page - Linear Technology LT1801CS8 Datasheet HTML 14Page - Linear Technology LT1801CS8 Datasheet HTML 15Page - Linear Technology LT1801CS8 Datasheet HTML 16Page - Linear Technology LT1801CS8 Datasheet HTML 17Page - Linear Technology LT1801CS8 Datasheet HTML 18Page - Linear Technology LT1801CS8 Datasheet HTML 19Page - Linear Technology LT1801CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LT1801/LT1802
18012fb
Single Supply 1A Laser Driver Amplifier
Figure 4 shows the LT1801 used in a 1A laser driver
application. One of the reasons the LT1801 is well suited
to this control task is that its 2.3V operation ensures that
it will be awaked during power-up and operated before the
circuit can otherwise cause significant current to flow in
the 2.1V threshold laser diode. Driving the noninverting
input of the LT1801 to a voltage VIN will control the turning
on of the high current NPN transistor, FMMT619 and the
laser diode. A current equal to VIN/R1 flows through the
laser diode. The LT1801 low offset voltage and low input
TYPICAL APPLICATIO S
1/2 LT1801
VIN
DO NOT FLOAT
IR LASER
INFINEON
SFH495
Q1
ZETEX
FMMT619
5V
R2
330
Ω
R1
1
Ω
18012 F04
C1
39pF
R3
10
Ω
Figure 4. Single Supply 1A Laser Driver Amplifier
100mA/DIV
50ns/DIV
18012 F05
Figure 5. 500mA Pulse Response
bias current allows it to control the current that flows
through the laser diode precisely. The overall circuit is a 1A
per volt V-to-I converter. Frequency compensation com-
ponents R2 and C1 are selected for fast but zero-over-
shoot time domain response to avoid overcurrent condi-
tions in the laser. The time domain response of this circuit,
measured at R1 and given a 500mV 230ns input pulse, is
shown in Figure 5. While the circuit is capable of 1A
operation, the laser diode and the transistor are thermally
limited due to power dissipation, so they must be operated
at low duty cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com