Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1801CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1801CS8
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1801CS8 Datasheet HTML 8Page - Linear Technology LT1801CS8 Datasheet HTML 9Page - Linear Technology LT1801CS8 Datasheet HTML 10Page - Linear Technology LT1801CS8 Datasheet HTML 11Page - Linear Technology LT1801CS8 Datasheet HTML 12Page - Linear Technology LT1801CS8 Datasheet HTML 13Page - Linear Technology LT1801CS8 Datasheet HTML 14Page - Linear Technology LT1801CS8 Datasheet HTML 15Page - Linear Technology LT1801CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1801/LT1802
18012fb
TYPICAL PERFOR A CE CHARACTERISTICS
Series Output Resistor
vs Capacitive Load
Distortion vs Frequency
Distortion vs Frequency
Maximum Undistorted Output
Signal vs Frequency
CAPACITIVE LOAD (pF)
10
20
30
40
100
1000
10000
18012 G29
10
0
60
50
15
25
35
5
55
45
VS = 5V, 0V
AV = 2
ROS = 10Ω
ROS = RL = 50Ω
ROS = 20Ω
FREQUENCY (MHz)
0.01
–70
–60
–50
–40
0.1
1
10
18012 G30
–80
–90
–100
–110
VS = 5V, 0V
AV = 1
VOUT = 2VP-P
RL = 150Ω, 2ND
RL = 150Ω, 3RD
RL = 1k, 2ND
RL = 1k, 3RD
FREQUENCY (MHz)
0.01
–70
–60
–50
–40
0.1
1
10
18012 G31
–80
–90
–100
–110
VS = 5V, 0V
AV = 2
VOUT = 2VP-P
RL = 150Ω, 2ND
RL = 150Ω,
3RD
RL = 1k,
2ND
RL = 1k, 3RD
FREQUENCY (Hz)
4.1
4.3
4.5
4.6
1k
100k
1M
10M
18012 G32
3.9
10k
4.4
4.2
4.0
VS = 5V, 0V
RL = 1k
AV = –1
AV = 2
Series Output Resistor
vs Capacitive Load
CAPACITIVE LOAD (pF)
10
20
30
40
100
1000
10000
18012 G28
10
0
60
50
15
25
35
5
55
45
VS = 5V, 0V
AV = 1
ROS = 10Ω
ROS = 20Ω
ROS = RL = 50Ω
Power Supply Rejection Ratio
vs Frequency
FREQUENCY (MHz)
0.001
30
40
50
60
70
0.01
0.1
1
10
100
18012 G27
20
10
0
–10
80
90
VS = 5V, 0V
TA = 25°C
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
Output Impedance vs Frequency
Common Mode Rejection Ratio
vs Frequency
FREQUENCY (MHz)
0.1
0.001
0.1
600
100
1
10
100
500
18012 G25
0.01
1
10
VS = ±2.5V
AV = 10
AV = 1
AV = 2
FREQUENCY (MHz)
40
80
120
20
60
100
0.01
1
10
100
18012 G26
0
0.1
VS = 5V, 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com