Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1809CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1809CS8
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1809CS8 Datasheet HTML 12Page - Linear Technology LT1809CS8 Datasheet HTML 13Page - Linear Technology LT1809CS8 Datasheet HTML 14Page - Linear Technology LT1809CS8 Datasheet HTML 15Page - Linear Technology LT1809CS8 Datasheet HTML 16Page - Linear Technology LT1809CS8 Datasheet HTML 17Page - Linear Technology LT1809CS8 Datasheet HTML 18Page - Linear Technology LT1809CS8 Datasheet HTML 19Page - Linear Technology LT1809CS8 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LT1809/LT1810
APPLICATIO S I FOR ATIO
Table 1. LT1809 6-Lead SOT-23 Package
COPPER AREA
BOARD AREA
THERMAL RESISTANCE
TOPSIDE (mm2)
(mm2)
(JUNCTION-TO-AMBIENT)
270
2500
135
°C/W
100
2500
145
°C/W
20
2500
160
°C/W
0
2500
200
°C/W
Device is mounted on topside.
Table 2. LT1809/LT1810 SO-8 Package
COPPER AREA
TOPSIDE
BACKSIDE
BOARD AREA
THERMAL RESISTANCE
(mm2)
(mm2)
(mm2)
(JUNCTION-TO-AMBIENT)
1100
1100
2500
65
°C/W
330
330
2500
85
°C/W
35
35
2500
95
°C/W
35
0
2500
100
°C/W
0
0
2500
105
°C/W
Device is mounted on topside.
Table 3. LT1810 8-Lead MSOP Package
COPPER AREA
TOPSIDE
BACKSIDE
BOARD AREA
THERMAL RESISTANCE
(mm2)
(mm2)
(mm2)
(JUNCTION-TO-AMBIENT)
540
540
2500
110
°C/W
100
100
2500
120
°C/W
100
0
2500
130
°C/W
30
0
2500
135
°C/W
0
0
2500
140
°C/W
Device is mounted on topside.
Junction temperature TJ is calculated from the ambient
temperature TA and power dissipation PD as follows:
TJ = TA + (PD • θJA)
The power dissipation in the IC is the function of the supply
voltage, output voltage and the load resistance. For a given
supply voltage, the worst-case power dissipation PD(MAX)
occurs at the maximum supply current with the output
voltage at half of either supply voltage (or the maximum
swing is less than 1/2 the supply voltage). PD(MAX) is given
by:
PD(MAX) = (VS • IS(MAX)) + (VS/2)2/RL
Example: An LT1810 in SO-8 mounted on a 2500mm2
area of PC board without any extra heat spreading plane
connected to its V– pin has a thermal resistance of
105
°C/W, θJA. Operating on ±5V supplies with both
amplifiers simultaneously driving 50
Ω loads, the worst-
case power dissipation is given by:
PD(MAX) = 2 • (10 • 25mA) + 2 • (2.5)2/50
= 0.5 + 0.250 = 0.750W
The maximum ambient temperature that the part is al-
lowed to operate is:
TA = TJ – (PD(MAX) • 105°C/W)
= 150
°C – (0.750W • 105°C/W) = 71°C
To operate the device at higher ambient temperature,
connect more metal area to the V – pin to reduce the
thermal resistance of the package as indicated in Table 2.
Input Offset Voltage
The offset voltage will change depending upon which input
stage is active and the maximum offset voltage is guaran-
teed to be less than 3mV. The change of VOS over the entire
input common mode range (CMRR) is less than 2.5mV on
a single 5V and 3V supply.
Input Bias Current
The input bias current polarity depends upon a given input
common voltage at whichever input stage is operating.
When the PNP input stage is active, the input bias currents
flow out of the input pins and flow into the input pins when
the NPN input stage is activated. Because the input offset
current is less than the input bias current, matching the
source resistances at the input pin will reduce total offset
error.
Output
The LT1809/LT1810 can deliver a large output current,
so the short-circuit current limit is set around 90mA to
prevent damage to the device. Attention must be paid to
keep the junction temperature of the IC below the abso-
lute maximum rating of 150
°C (refer to the Power Dissi-
pation section) when the output is continuously short
circuited. The output of the amplifier has reverse-biased
diodes connected to each supply. If the output is forced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com