Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1809CS8 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1809CS8
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809CS8 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1809CS8 Datasheet HTML 14Page - Linear Technology LT1809CS8 Datasheet HTML 15Page - Linear Technology LT1809CS8 Datasheet HTML 16Page - Linear Technology LT1809CS8 Datasheet HTML 17Page - Linear Technology LT1809CS8 Datasheet HTML 18Page - Linear Technology LT1809CS8 Datasheet HTML 19Page - Linear Technology LT1809CS8 Datasheet HTML 20Page - Linear Technology LT1809CS8 Datasheet HTML 21Page - Linear Technology LT1809CS8 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LT1809/LT1810
TYPICAL APPLICATIO S
Driving A/D Converters
The LT1809/LT1810 have a 27ns settling time to 0.1% of
a 2V step signal and 20
Ω output impedance at 100MHz
making it ideal for driving high speed A/D converters. With
the rail-to-rail input and output and low supply voltage
operation, the LT1809 is also desirable for single supply
applications. As shown in Figure 2, the LT1809 drives a
10Msps, 12-bit ADC, the LTC1420. The lowpass filter, R3
and C1, reduces the noise and distortion products that
might come from the input signal. High quality capacitors
and resistors, an NPO chip capacitor and metal-film sur-
face mount resistors, should be used since these compo-
nents can add to distortion. The voltage glitch of the
converter, due to its sampling nature, is buffered by the
LT1809 and the ability of the amplifier to settle it quickly
will affect the spurious-free dynamic range of the system.
Figure 2 to Figure 7 depict the LT1809 driving the LTC1420
at different configurations and voltage supplies. The FFT
responses show better than 90dB of SFDR for a
±5V
supply, and 80dB on a 5V single supply for the 1.394MHz
signal.
–
+
LT1809
LTC1420
PGA GAIN = 1
REF = 2.048V
5V
5V
12 BITS
10Msps
–5V
–5V
•
•
•
R2
1k
R1
1k
VIN
1VP-P
C1
470pF
–AIN
1809 F02
+AIN
R3
49.9
Ω
Figure 2. Noninverting A/D Driver
Figure 3. 4096 Point FFT Response
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
–20
0
123
4
1809 F03
5
VS = ±5V
AV = +2
fSAMPLE = 10Msps
fIN = 1.394MHz
SFDR = 90dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com