Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1809CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1809CS8
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809CS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1809CS8 Datasheet HTML 2Page - Linear Technology LT1809CS8 Datasheet HTML 3Page - Linear Technology LT1809CS8 Datasheet HTML 4Page - Linear Technology LT1809CS8 Datasheet HTML 5Page - Linear Technology LT1809CS8 Datasheet HTML 6Page - Linear Technology LT1809CS8 Datasheet HTML 7Page - Linear Technology LT1809CS8 Datasheet HTML 8Page - Linear Technology LT1809CS8 Datasheet HTML 9Page - Linear Technology LT1809CS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LT1809/LT1810
The q denotes the specifications which apply over the – 40
°C ≤ TA ≤ 85°C temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open;
VCM = VOUT = half supply, unless otherwise noted. (Note 5)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISHDN
SHDN Pin Current
VS = 5V, VSHDN = 0.3V
q
420
900
µA
VS = 3V, VSHDN = 0.3V
q
220
600
µA
Output Leakage Current, Shutdown
VSHDN = 0.3V
q
3
µA
VL
SHDN Pin Input Voltage Low
q
0.3
V
VH
SHDN Pin Input Voltage High
q
VS – 0.5
V
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100
q
80
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100
q
50
ns
GBW
Gain-Bandwidth Product
Frequency = 2MHz
q
140
MHz
SR
Slew Rate
VS = 5V, AV = -1, RL = 1k, VO = 4VP-P
q
180
V/
µs
FPBW
Full Power Bandwidth
VS = 5V, VOUT = 4VP-P
q
14
MHz
TA = 25°C. VS = ±5V, VSHDN = open, VCM = 0V, VOUT = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V
+ LT1809 SO-8
0.8
3.0
mV
VCM = V
– LT1809 SO-8
0.8
3.0
mV
VCM = V
+
0.8
3.5
mV
VCM = V
–
0.8
3.5
mV
∆VOS
Input Offset Voltage Shift
VCM = V
– to V + LT1809 SO-8
0.35
2.5
mV
VCM = V
– to V +
0.35
3.0
mV
Input Offset Voltage Match (Channel-to-Channel)
VCM = V
+, VCM = V–
16
mV
(Note 10)
IB
Input Bias Current
VCM = V
+
210
µA
VCM = V
– + 0.2V
– 30
–12.5
µA
∆IB
Input Bias Current Shift
VCM = V
– + 0.2V to V +
14.5
40
µA
Input Bias Current Match (Channel-to-Channel)
VCM = V
+
0.1
5
µA
(Note 10)
VCM = V
– + 0.2V
0.4
10
µA
IOS
Input Offset Current
VCM = V
+
0.05
2
µA
VCM = V
– + 0.2V
0.40
5
µA
∆IOS
Input Offset Current Shift
VCM = V
– + 0.2V to V +
0.45
7
µA
en
Input Noise Voltage Density
f = 10kHz
16
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
5
pA/
√Hz
CIN
Input Capacitance
f = 100kHz
2
pF
AVOL
Large-Signal Voltage Gain
VO = – 4V to 4V, RL = 1k
30
100
V/mV
VO = – 2.5V to 2.5V, RL = 100Ω
4.5
12
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V
– to V+
70
89
dB
CMRR Match (Channel-to-Channel) (Note 10)
VCM = V
– to V+
64
89
dB
Input Common Mode Range
V –
V +
V
PSRR
Power Supply Rejection Ratio
V + = 2.5V to 10V, V – = 0V
71
87
dB
PSRR Match (Channel-to-Channel) (Note 10)
V + = 2.5V to 10V, V – = 0V
65
90
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
12
60
mV
ISINK = 5mA
50
140
mV
ISINK = 25mA
180
425
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
35
100
mV
ISOURCE = 5mA
90
200
mV
ISOURCE = 25mA
310
700
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com