Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1809CS8 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1809CS8
Description  Single/Dual 180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1809CS8 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1809CS8 Datasheet HTML 15Page - Linear Technology LT1809CS8 Datasheet HTML 16Page - Linear Technology LT1809CS8 Datasheet HTML 17Page - Linear Technology LT1809CS8 Datasheet HTML 18Page - Linear Technology LT1809CS8 Datasheet HTML 19Page - Linear Technology LT1809CS8 Datasheet HTML 20Page - Linear Technology LT1809CS8 Datasheet HTML 21Page - Linear Technology LT1809CS8 Datasheet HTML 22Page - Linear Technology LT1809CS8 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LT1809/LT1810
TYPICAL APPLICATIO S
Figure 6. Single Supply A/D Driver
–
+
LT1809
LTC1420
PGA GAIN = 2
REF = 4.096V
5V
3
2
4
1
6
7
5V
12 BITS
10Msps
•
•
•
1k
1k
VIN
1VP-P
ON 2.5V DC
470pF
1
µF
0.15
µF
3
2
1
–AIN
VCM
1809 F06
+AIN
49.9
Ω
Figure 7. 4096 Point FFT Response
Figure 4. Inverting A/D Driver
Figure 5. 4096 Point FFT Response
–
+
LT1809
LTC1420
PGA GAIN = 1
REF = 2.048V
5V
5V
12 BITS
10Msps
–5V
–5V
•
•
•
1k
1k
VIN
2VP-P
470pF
–AIN
1809 F04
+AIN
49.9
Ω
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
–20
0
123
4
1809 F05
5
VS = ±5V
AV = –1
fSAMPLE = 10Msps
fIN = 1.394MHz
SFDR = 90dB
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
–20
0
123
4
1809 F07
5
VS = 5V
AV = +2
fSAMPLE = 10Msps
fIN = 1.394MHz
SFDR = 80dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com